Electronic Components Datasheet Search
  English  ▼

X  

AD7873ARUZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7873ARUZ
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ARUZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7873ARUZ Datasheet HTML 17Page - Analog Devices AD7873ARUZ Datasheet HTML 18Page - Analog Devices AD7873ARUZ Datasheet HTML 19Page - Analog Devices AD7873ARUZ Datasheet HTML 20Page - Analog Devices AD7873ARUZ Datasheet HTML 21Page - Analog Devices AD7873ARUZ Datasheet HTML 22Page - Analog Devices AD7873ARUZ Datasheet HTML 23Page - Analog Devices AD7873ARUZ Datasheet HTML 24Page - Analog Devices AD7873ARUZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 20 of 28
Table 8. Power Management Options
PD1
PD0
PENIRQ
Description
0
0
Enabled
This configuration results in immediate power-down of the on-chip reference as soon as PD1 is set to 0. The ADC
powers down only between conversions. When PD0 is set to 0, the conversion is performed first and the ADC
powers down upon completion of that conversion (or upon the rising edge of CS, if it occurs first). At the start of
the next conversion, the ADC instantly powers up to full power. This means if the device is being used in the
differential mode, or an external reference is used, there is no need for additional delays to ensure full operation
and the very first conversion is valid. The Y– switch is on while in power-down. When the device is performing
differential table conversions, the reference and reference buffer do not attempt to power up with Bit PD1 and
Bit PD0 programmed in this way.
0
1
Enabled
This configuration results in switching the reference off immediately and the ADC on permanently. When the
device is performing differential tablet conversions, the reference and reference buffer do not attempt to power
up with Bit PD1 and Bit PD0 programmed in this way.
1
0
Enabled
This configuration results in switching the reference on and powering the ADC down between conversions. The
ADC powers down only between conversions. When PD0 is set to 0, the conversion is performed first, and the
ADC powers down upon completion of the conversion (or upon the rising edge of CS if it occurs first). At the start
of the next conversion, the ADC instantly powers up to full power. There is no need for additional delays to ensure
full operation as the reference remains permanently powered up.
1
1
Disabled
This configuration results in always keeping the device powered up. The reference and the ADC are on.
POWER VS. THROUGHPUT RATE
By using the power-down options on the AD7873 when not
converting, the average power consumption of the device
decreases at lower throughput rates. Figure 35 shows how, as
the throughput rate is reduced while maintaining the DCLK
frequency at 2 MHz, the device remains in its power-down state
longer and the average current consumption over time drops
accordingly.
Figure 35. Supply Current vs. Throughput (µA)
For example, if the AD7873 is operated in a 24-DCLK continuous
sampling mode, with a throughput rate of 10 kSPS and a DCLK
of 2 MHz, and the device is placed in the power-down mode
between conversions, (PD0, PD1 = 0, 0), that is, the ADC shuts
down between conversions but the reference remains powered
down permanently, then the current consumption is calculated
as follows. The current consumption during normal operation
with a 2 MHz DCLK is 210 µA (VCC = 2.7 V). Assuming an
external reference is used, the power-up time of the ADC is
instantaneous, so when the part is converting, it consumes
210 µA. In this mode of operation, the part powers up on the
fourth falling edge of DCLK after the start bit is recognized. It
goes back into power-down at the end of conversion on the
20th falling edge of DCLK, meaning that the part consumes
210 µA for 16 DCLK cycles only, 8 µs during each conversion
cycle. If the throughput rate is 10 kSPS, the cycle time is 100 µs
and the average power dissipated during each cycle is
(8/100) × (210 µA) = 16.8 µA.
1
100
10
1000
0
120
THROUGHPUT (kSPS)
40
60
0
20
80
100
fDCLK = 16 × fSAMPLE
fDCLK = 2MHz
VCC = 2.7V
TA = –40°C TO +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com