Electronic Components Datasheet Search
  English  ▼

X  

AD8270 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8270
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8270 Datasheet HTML 11Page - Analog Devices AD8270 Datasheet HTML 12Page - Analog Devices AD8270 Datasheet HTML 13Page - Analog Devices AD8270 Datasheet HTML 14Page - Analog Devices AD8270 Datasheet HTML 15Page - Analog Devices AD8270 Datasheet HTML 16Page - Analog Devices AD8270 Datasheet HTML 17Page - Analog Devices AD8270 Datasheet HTML 18Page - Analog Devices AD8270 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8278/AD8279
Rev. C | Page 15 of 24
50
45
40
35
30
25
20
15
10
5
0
02
150
200
100
50
CAPACITIVE LOAD (pF)
50
±2V
±5V
±15V
±18V
Figure 43. Small Signal Overshoot vs. Capacitive Load, RL ≥ 2 kΩ, G = ½
35
30
25
20
15
10
5
0
0350
150
250
300
200
100
50
CAPACITIVE LOAD (pF)
±2V
±5V
±15V
±18V
Figure 44. Small Signal Overshoot vs. Capacitive Load, RL ≥ 2 kΩ, G = 2
1k
100
10
0.1
100k
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
Figure 45. Voltage Noise Density vs. Frequency
1s/DIV
GAIN = 2
GAIN = ½
Figure 46. 0.1 Hz to 10 Hz Voltage Noise
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
FREQUENCY (Hz)
2kΩ LOAD
Figure 47. Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com