Electronic Components Datasheet Search
  English  ▼

X  

AD629 Datasheet(PDF) 12 Page - Analog Devices

Part # AD629
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD629 Datasheet HTML 8Page - Analog Devices AD629 Datasheet HTML 9Page - Analog Devices AD629 Datasheet HTML 10Page - Analog Devices AD629 Datasheet HTML 11Page - Analog Devices AD629 Datasheet HTML 12Page - Analog Devices AD629 Datasheet HTML 13Page - Analog Devices AD629 Datasheet HTML 14Page - Analog Devices AD629 Datasheet HTML 15Page - Analog Devices AD629 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8278/AD8279
Rev. C | Page 12 of 24
+VS
–0.5
–1.0
–1.5
–2.0
–VS
+0.5
+1.0
+1.5
+2.0
OUTPUT CURRENT (mA)
01
9
8
7
6
5
4
3
2
1
0
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 25. Output Voltage Swing vs. IOUT and Temperature, VS = ±15 V
180
160
170
150
140
130
120
01
16
14
12
10
8
6
4
2
SUPPLY VOLTAGE (±V)
8
Figure 26. Supply Current per Channel vs. Dual-Supply Voltage, VIN = 0 V
180
160
170
150
140
130
120
04
35
30
25
20
15
10
5
SUPPLY VOLTAGE (V)
0
Figure 27. Supply Current per Channel vs. Single-Supply Voltage, VIN = 0 V,
VREF = 0 V
250
150
200
100
50
0
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
VS = ±15V
VS = +2.7V
VREF = MIDSUPPLY
Figure 28. Supply Current per Channel vs. Temperature
30
25
20
15
10
5
0
–5
–10
–15
–20
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
ISHORT+
ISHORT–
Figure 29. Short-Circuit Current per Channel vs. Temperature
2.0
1.6
1.8
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
–SLEW RATE
+SLEW RATE
Figure 30. Slew Rate vs. Temperature, VIN = 20 V p-p, 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com