Electronic Components Datasheet Search
  English  ▼

X  

AD7948BN Datasheet(PDF) 4 Page - Analog Devices

Part # AD7948BN
Description  3.3 V/5 V Multiplying 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7948BN Datasheet(HTML) 4 Page - Analog Devices

  AD7948BN Datasheet HTML 1Page - Analog Devices AD7948BN Datasheet HTML 2Page - Analog Devices AD7948BN Datasheet HTML 3Page - Analog Devices AD7948BN Datasheet HTML 4Page - Analog Devices AD7948BN Datasheet HTML 5Page - Analog Devices AD7948BN Datasheet HTML 6Page - Analog Devices AD7948BN Datasheet HTML 7Page - Analog Devices AD7948BN Datasheet HTML 8Page - Analog Devices AD7948BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–4–
AC PERFORMANCE CHARACTERISTICS
NORMAL MODE
Parameter
B Grades
T Grade
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
600
700
ns typ
To 0.01% of Full-Scale Range. VREF =
+10 V; DAC Latch Alternately Loaded with
All 0s and All 1s
Digital to Analog Glitch Impulse
60
60
nV-s typ
Measured with VREF = 0 V. DAC Latch
Alternately Loaded with All 0s and All 1s
Multiplying Feedthrough Error
–75
–75
dB max
DAC Latch Loaded with All 0s
Output Capacitance
60
60
pF max
All 1s Loaded to DAC
30
30
pF max
All 0s Loaded to DAC
Digital Feedthrough (AD7943)
5
5
nV-s typ
Feedthrough to the DAC Output with
LD1,
LD2 High and Alternate Loading of All 0s
and All 1s into the Input Shift Register
Digital Feedthrough (AD7945, AD7948) 5
5
nV-s typ
Feedthrough to the DAC Output with
CS
High and Alternate Loading of All 0s and
All 1s to the DAC Bus
Total Harmonic Distortion
–83
–83
dB typ
Output Noise Spectral Density
@ 1 kHz
35
35
nV/
√Hz typ All 1s Loaded to DAC. V
REF = 0 V. Output
Op Amp Is OP07
Specifications subject to change without notice.
(AD7943: VDD = +4.5 V to +5.5 V; VIOUT1 = VIOUT2 = AGND = 0 V. AD7945, AD7948: VDD = +4.5 V to +5.5 V; VIOUT1 =AGND =
0 V. VREF = 6 V rms, 1 kHz sine wave; TA = TMIN to TMAX; DAC output op amp is AD843; unless otherwise noted.) These characteristics are in-
cluded for Design Guidance and are not subject to test.
AC PERFORMANCE CHARACTERISTICS
BIASED MODE (AD7943: VDD = +3 V to +5.5 V; VIOUT1 = VIOUT2 = AGND = 1.23 V. AD7945, AD7948: VDD = +3 V to +5.5 V; VIOUT1 = AGND =
1.23 V. VREF = 1 kHz, 2.45 V p-p, sine wave biased at 1.23 V; DAC output op amp is AD820; TA = TMIN to TMAX; unless otherwise noted.) These
characteristics are included for Design Guidance and are not subject to test.
Parameter
A Grades
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
5
µs typ
To 0.01% of Full-Scale Range. VREF = 0 V
DAC Latch Alternately Loaded with All 0s and All 1s
Digital to Analog Glitch Impulse
60
nV-s typ
VREF = 1.23 V. DAC Register Alternately Loaded
with All 0s and All 1s
Multiplying Feedthrough Error
–75
dB max
DAC Latch Loaded with All 0s
Output Capacitance
60
pF max
All 1s Loaded to DAC
30
pF max
All 0s Loaded to DAC
Digital Feedthrough
5
nV-s typ
Feedthrough to the DAC Output with
LD1, LD2
High and Alternate Loading of All 0s and All 1s
into the Input Shift Register
Digital Feedthrough (AD7945, AD7948)
5
nV-s typ
Feedthrough to the DAC Output with CS High
and Alternate Loading of All 0s and All 1s to the
DAC Bus
Total Harmonic Distortion
–83
dB typ
Output Noise Spectral Density
@ 1 kHz
25
nV/
√Hz typ
All 1s Loaded to DAC. VREF = 1.23 V
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com