Electronic Components Datasheet Search
  English  ▼

X  

AD8273 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8273
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8273 Datasheet(HTML) 1 Page - Analog Devices

  AD8273 Datasheet HTML 1Page - Analog Devices AD8273 Datasheet HTML 2Page - Analog Devices AD8273 Datasheet HTML 3Page - Analog Devices AD8273 Datasheet HTML 4Page - Analog Devices AD8273 Datasheet HTML 5Page - Analog Devices AD8273 Datasheet HTML 6Page - Analog Devices AD8273 Datasheet HTML 7Page - Analog Devices AD8273 Datasheet HTML 8Page - Analog Devices AD8273 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Power, Wide Supply Range,
Low Cost Difference Amplifiers, G = ½, 2
AD8278/AD8279
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Wide input range beyond supplies
Rugged input overvoltage protection
Low supply current: 200 μA maximum (per amplifier)
Low power dissipation: 0.5 mW at VS = 2.5 V
Bandwidth: 1 MHz (G = ½)
CMRR: 80 dB minimum, dc to 20 kHz (G = ½, B Grade)
Low offset voltage drift: ±1 μV/°C maximum (B Grade)
Low gain drift: 1 ppm/°C maximum (B Grade)
Enhanced slew rate: 1.4 V/μs
Wide power supply range
Single supply: 2 V to 36 V
Dual supplies: ±2 V to ±18 V
8-lead SOIC, 14-lead SOIC, and 8-lead MSOP packages
APPLICATIONS
Voltage measurement and monitoring
Current measurement and monitoring
Instrumentation amplifier building block
Portable, battery-powered equipment
Test and measurement
GENERAL DESCRIPTION
The AD8278 and AD8279 are general-purpose difference
amplifiers intended for precision signal conditioning in power
critical applications that require both high performance and low
power. The AD8278 and AD8279 provide exceptional common-
mode rejection ratio (80 dB) and high bandwidth while amplifying
input signals that are well beyond the supply rails. The on-chip
resistors are laser trimmed for excellent gain accuracy and high
CMRR. They also have extremely low gain drift vs. temperature.
The common-mode range of the amplifier extends to almost
triple the supply voltage (for G = ½), making the amplifer ideal
for single-supply applications that require a high common-
mode voltage range. The internal resistors and ESD circuitry at
the inputs also provide overvoltage protection to the op amp.
The AD8278 and AD8279 can be used as difference amplifiers with
G = ½ or G = 2. They can also be connected in a high precision,
single-ended configuration for non inverting and inverting gains of
−½, −2, +3, +2, +1½, +1, or +½. The AD8278 and AD8279
provide an integrated precision solution that has a smaller size,
lower cost, and better performance than a discrete alternative.
The AD8278 and AD8279 operate on single supplies (2.0 V to 36 V)
or dual supplies (±2 V to ±18 V). The maximum quiescent supply
current is 200 μA, which is ideal for battery-operated and portable
systems. For unity-gain difference amplifiers with similar
performance, refer to the AD8276 and AD8277 data sheets.
FUNCTIONAL BLOCK DIAGRAMS
2
5
3
1
6
7
4
40kΩ
20kΩ
40kΩ
–VS
+VS
–IN
+IN
SENSE
OUT
REF
20kΩ
AD8278
Figure 1. AD8278
2
12
3
14
13
11
40kΩ
20kΩ
40kΩ
+VS
–INA
+INA
SENSEA
OUTA
REFA
20kΩ
6
10
5
8
9
40kΩ
20kΩ
40kΩ
–INB
+INB
SENSEB
OUTB
REFB
20kΩ
AD8279
4
–VS
Figure 2. AD8279
Table 1. Difference Amplifiers by Category
Low
Distortion
High Voltage
Current Sensing1
Low Power
AD8270
AD628
AD8202 (U)
AD8276
AD8271
AD629
AD8203 (U)
AD8277
AD8273
AD8205 (B)
AD8274
AD8206 (B)
AMP03
AD8216 (B)
1U = unidirectional, B = bidirectional.
The AD8278 is available in the space-saving 8-lead MSOP and
SOIC packages, and the AD8279 is offered in a 14-lead SOIC
package. Both are specified for performance over the industrial
temperature range of −40°C to +85°C and are fully RoHS
compliant.


Similar Part No. - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8273 AD-AD8273 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8273 AD-AD8273 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Aavid, Thermal Division...
AD8273 AAVID-AD8273 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8273 AAVID-AD8273 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
More results

Similar Description - AD8273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV.B
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
542Kb / 20P
Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
REV. A
AD8278 AD-AD8278 Datasheet
606Kb / 24P
Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
AD8279 AD-AD8279 Datasheet
671Kb / 18P
Low Power, Wide Supply Range, Low Cost Difference Amplifiers, G = 쩍, 2
Rev. PrA
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com