Electronic Components Datasheet Search
  English  ▼

X  

AD8205 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8205
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8205 Datasheet HTML 6Page - Analog Devices AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices AD8205 Datasheet HTML 10Page - Analog Devices AD8205 Datasheet HTML 11Page - Analog Devices AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8278/AD8279
Rev. C | Page 10 of 24
10
–10
–8
–6
–4
–2
0
2
4
6
8
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VREF = MIDSUPPLY
VS = 2.7V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = Midsupply, G = ½
12
–6
–4
–2
0
2
4
6
8
10
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VS = 2.7V
VREF = 0V
Figure 14. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = 0 V, G = ½
30
–30
–20
–10
0
10
20
–20
–15
–10
–5
0
10
20
515
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
±15 V and ±5 V Supplies, G = 2
5
–3
–2
–1
0
1
2
3
4
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VS = 2.7V
VREF = MIDSUPPLY
Figure 16. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = Midsupply, G = 2
6
5
–2
–1
0
1
2
3
4
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VS = 2.7V
VREF = 0V
Figure 17. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = 0 V, G = 2
18
–36
–30
–24
–18
–12
–6
0
6
12
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
Figure 18. Gain vs. Frequency, ±15 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com