Electronic Components Datasheet Search
  English  ▼

X  

ADV7173KST Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7173KST
Description  Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7173KST Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7173KST Datasheet HTML 31Page - Analog Devices ADV7173KST Datasheet HTML 32Page - Analog Devices ADV7173KST Datasheet HTML 33Page - Analog Devices ADV7173KST Datasheet HTML 34Page - Analog Devices ADV7173KST Datasheet HTML 35Page - Analog Devices ADV7173KST Datasheet HTML 36Page - Analog Devices ADV7173KST Datasheet HTML 37Page - Analog Devices ADV7173KST Datasheet HTML 38Page - Analog Devices ADV7173KST Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
REV. B
ADV7172/ADV7173
–35–
TIMING REGISTER 1 (TR17–TR10)
(Address (SR4–SR0) = 0BH)
Timing Register 1 is an 8-bit-wide register.
Figure 53 shows the various operations under the control of
Timing Register 1. This register can be read from as well writ-
ten to. This register can be used to adjust the width and position
of the master mode timing signals.
TR1 BIT DESCRIPTION
HSYNC Width (TR11–TR10)
These bits adjust the
HSYNC pulsewidth.
HSYNC to FIELD/VSYNC Delay (TR13–TR12)
These bits adjust the position of the
HSYNC output relative to
the FIELD/
VSYNC output.
HSYNC to FIELD Rising Edge Delay (TR15–TR14)
When the ADV7172/ADV7173 is in Timing Mode 1, these bits
adjust the position of the
HSYNC output relative to the FIELD
output rising edge.
VSYNC Width (TR15–TR14)
When the ADV7172/ADV7173 is configured in Timing Mode
2, these bits adjust the
VSYNC pulsewidth.
HSYNC to Pixel Data Adjust (TR17–TR16)
This enables the
HSYNC to be adjusted with respect to the pixel
data. This allows the Cr and Cb components to be swapped. This
adjustment is available in both master and slave timing modes.
TR11
TR10
TR17
TR12
TR13
TR15
TR16
TR14
HSYNC TO PIXEL
DATA ADJUST
TR17 TR16
00
0
TPCLK
01
1
TPCLK
10
2
TPCLK
11
3
TPCLK
HSYNC TO
FIELD/
VSYNC DELAY
TR13 TR12
00
0
TPCLK
01
4
TPCLK
10
8
TPCLK
1
1
16
TPCLK
TB
HSYNC WIDTH
00
1
TPCLK
01
4
TPCLK
1
0
16
TPCLK
1
1
128
TPCLK
TR11 TR10
TA
HSYNC TO FIELD
RISING EDGE DELAY
(MODE 1 ONLY)
x0
TB
x1
TB + 32 s
TR15 TR14
TC
VSYNC WIDTH
(MODE 2 ONLY)
00
1
TPCLK
01
4
TPCLK
1
0
16
TPCLK
1
1
128
TPCLK
LINE 313
LINE 314
LINE 1
TB
TIMING MODE 1 (MASTER/PAL)
HSYNC
FIELD/
VSYNC
TA
TC
TR15 TR14
Figure 53. Timing Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com