Electronic Components Datasheet Search
  English  ▼

X  

AD8206 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8206
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8206 Datasheet HTML 5Page - Analog Devices AD8206 Datasheet HTML 6Page - Analog Devices AD8206 Datasheet HTML 7Page - Analog Devices AD8206 Datasheet HTML 8Page - Analog Devices AD8206 Datasheet HTML 9Page - Analog Devices AD8206 Datasheet HTML 10Page - Analog Devices AD8206 Datasheet HTML 11Page - Analog Devices AD8206 Datasheet HTML 12Page - Analog Devices AD8206 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8278/AD8279
Rev. C | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, RL = 10 kΩ connected to ground, G = ½ difference amplifier configuration, unless otherwise noted.
600
500
400
300
200
100
0
–150
–100
–50
0
50
100
150
SYSTEM OFFSET VOLTAGE (µV)
N = 3840
MEAN = –16.8
SD = 41.7673
Figure 7. Distribution of Typical System Offset Voltage, G = 2
800
600
700
500
400
300
200
100
0
–60
–40
–20
0
20
40
60
CMRR (µV/V)
N = 3837
MEAN = 7.78
SD = 13.569
Figure 8. Distribution of Typical Common-Mode Rejection, G = 2
10
–20
–15
–10
–5
0
5
–50
–35
–20
–51025
40
557085
TEMPERATURE (°C)
REPRESENTATIVE DATA
Figure 9. CMRR vs. Temperature, Normalized at 25°C, G = ½
80
–100
–80
–60
–40
–20
0
20
40
60
–50
–35
–20
–5
10
25
40
55
70
85
TEMPERATURE (°C)
REPRESENTATIVE DATA
Figure 10. System Offset vs. Temperature, Normalized at 25°, G = ½
20
–30
–25
–20
–15
–10
–5
0
5
10
15
–50
–35
–20
–5
10
25
40
55
70
85
TEMPERATURE (°C)
REPRESENTATIVE DATA
Figure 11. Gain Error vs. Temperature, Normalized at 25°C, G = ½
30
–30
–20
–10
0
10
20
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
VS = ±15V
VS = ±5V
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
±15 V and ±5 V Supplies, G = ½



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com