Electronic Components Datasheet Search
  English  ▼

X  

AD8216 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8216
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8216 Datasheet HTML 4Page - Analog Devices AD8216 Datasheet HTML 5Page - Analog Devices AD8216 Datasheet HTML 6Page - Analog Devices AD8216 Datasheet HTML 7Page - Analog Devices AD8216 Datasheet HTML 8Page - Analog Devices AD8216 Datasheet HTML 9Page - Analog Devices AD8216 Datasheet HTML 10Page - Analog Devices AD8216 Datasheet HTML 11Page - Analog Devices AD8216 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8278/AD8279
Rev. C | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8278
TOP VIEW
(Not to Scale)
Figure 4. MSOP Pin Configuration
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8278
TOP VIEW
(Not to Scale)
Figure 5. SOIC Pin Configuration
Table 8. AD8278 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REF
Reference Voltage Input.
2
−IN
Inverting Input.
3
+IN
Noninverting Input.
4
−VS
Negative Supply.
5
SENSE
Sense Terminal.
6
OUT
Output.
7
+VS
Positive Supply.
8
NC
No Connect.
NC 1
–INA 2
+INA 3
–VS 4
REFA
14
13
12
11
+INB 5
10
–INB 6
9
NC 7
8
NC = NO CONNECT
AD8279
TOP VIEW
(Not to Scale)
OUTA
SENSEA
+VS
SENSEB
OUTB
REFB
Figure 6. 14-Lead SOIC Pin Configuration
Table 9. AD8279 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect.
2
−INA
Channel A Inverting Input.
3
+INA
Channel A Noninverting Input.
4
−VS
Negative Supply.
5
+INB
Channel B Noninverting Input.
6
−INB
Channel B Inverting Input.
7
NC
No Connect.
8
REFB
Channel B Reference Voltage Input.
9
OUTB
Channel B Output.
10
SENSEB
Channel B Sense Terminal.
11
+VS
Positive Supply.
12
SENSEA
Channel A Sense Terminal.
13
OUTA
Channel A Output.
14
REFA
Channel A Reference Voltage Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com