Electronic Components Datasheet Search
  English  ▼

X  

APL3526 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3526
Description  Ultra-Low On-Resistance, 6A Load Switch with Soft Start
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3526 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3526 Datasheet HTML 1Page - Anpec Electronics Coropration APL3526 Datasheet HTML 2Page - Anpec Electronics Coropration APL3526 Datasheet HTML 3Page - Anpec Electronics Coropration APL3526 Datasheet HTML 4Page - Anpec Electronics Coropration APL3526 Datasheet HTML 5Page - Anpec Electronics Coropration APL3526 Datasheet HTML 6Page - Anpec Electronics Coropration APL3526 Datasheet HTML 7Page - Anpec Electronics Coropration APL3526 Datasheet HTML 8Page - Anpec Electronics Coropration APL3526 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
4
APL3526/B
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN= 0.8V~5V, VBIAS =5V, VEN=High or VENB=Low, and TA= -40~85
oC.
Typical values are at T
A=25
oC.
APL3526/B
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EN OR ENB INPUT PIN
Input Logic High
1.2
-
-
V
VEN, VENB
Input Logic Low
-
-
0.4
V
Input Current
-
-
1
µA
OVERT-TEMPERATURE PROTECTION (OTP)
Over-Temperature Threshold
TJ rising
-
160
-
°C
Over-Temperature Threshold
Hysteresis
TJ falling
-
40
-
°C
Pin Description
PIN
NO.
NAME
FUNCTION
1
VIN
2
VIN
Power supply Input of switch. Connect this pin to an external DC supply.
EN
Enable input of switch. Logic high turns on switch. The EN pin cannot be left floating.
3
ENB
Enable input of switch. Logic low turns on switch. The ENB pin cannot be left floating.
4
BIAS
Bias voltage input pin for internal control circuitry.
5
GND
Ground pin of the circuitry. All voltage levels are measured with respect to this pin.
6
SS
Soft start control of switch. A capacitor from this pin to ground sets the VOUT’s rise slew
rate.
7
VOUT
8
VOUT
Switch output.
Exposed Pad
-
Connect this pad to system ground plane for good thermal conductivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com