Electronic Components Datasheet Search
  English  ▼

X  

431 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 431
Description  RFID Transponder Coils - 4312RV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

431 Datasheet(HTML) 1 Page - Coilcraft lnc.

  431 Datasheet HTML 1Page - Coilcraft lnc. 431 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
RFID Transponder Coils –4312RV
Document 461-1
The 4312RV series of transponder coils is designed for
RFID applications at 125 kHz. It is Coilcraft’s smallest
transponder coil developed specifically for the harshest
mechanical environments.
The coil is wound on a plastic base, providing great du-
rability and allowing this part to withstand physical shock.
With operating temperature range to 125°C, these parts
pass AEC-200 Grade 1 (-40°C to +125°C) qualification
and are ideal for use in a wide range of automotive ap-
plications. The uniquely shaped termination provides
excellent board adhesion.
In addition to our standard models, Coilcraft can also
design transponder coils to operate at other frequencies.
To request free evaluation samples, contact Coilcraft or
visit
www.coilcraft.com.
Inductance2
Read
Matching
at 125 kHz
distance3
Sensitivity4
capacitor5
DCR max6
SRF typ7
Part number1
±2% (mH)
Q min2
(inches/cm)
(mV/µT)
(pF)
(Ohms)
(kHz)
4312RV-404XGL_
0.40
21
19.65/49,91
9.14
4050
11.5
6340
4312RV-105XGL_
1.00
21
24.25/61,60
15.26
1621
29
4150
4312RV-245XGL_
2.38
26
28.35/72,01
24.72
681
55
2470
4312RV-495XGL_
4.90
24
32.85/83,44
42.45
331
103
1270
4312RV-725XGL_
7.20
30
35.05 / 89,03
60.02
225
128
1465
4312RV-905XGL_
9.00
32
35.80/91,00
78.10
180
150
1200
1. When ordering, please specify
packaging code:
4312RV-725XGLD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (3000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance and Q measured using Agilent/HP 4192A impedance
analyzer at 125 kHz. For recommended test procedures, contact
Coilcraft.
3. Read distance measured using the KEELOQ® Transponder Evaluation
Kit part number DM303005 from Microchip. Distance was recorded as
the voltage across the resonant circuit dropped below 10 mV.
4. Sensitivity measured in accordance with Coilcraft application note
“Measuring Sensitivity of Transponder Coils.”
5. Matching capacitor value required for parallel resonant circuit operating
at 125 kHz.
6. DCR measured on micro-ohmmeter.
7. SRF measured using Agilent/HP 8753D network analyzer.
8. Electrical specifications at 25°C
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Document 461-1 Revised 10/30/08
Terminations RoHS compliant gold over nickel over phos bronze.
Weight 210 – 240 mg
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Temperature coefficient of inductance +300 to +1100 ppm/°C
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 3000 per 13
″ reel Plastic tape: 24 mm wide,
0.3 mm thick, 8 mm pocket spacing, 2.49 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.


Similar Part No. - 431

ManufacturerPart #DatasheetDescription
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Oscilent Corporation
431 OSCILENT-431 Datasheet
133Kb / 2P
Low Jitter 5pS
logo
Willow Technologies Ltd
431 WILLOW-431 Datasheet
143Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
MKS Instruments.
431 MKS-431 Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
Coilcraft lnc.
431 COILCRAFT-431 Datasheet
198Kb / 2P
Wideband Bias Chokes
More results

Similar Description - 431

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
RFID Transponder Coils
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
RFID Transponder Coils
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
RFID Transponder Coils
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
Z-Axis RFID Transponder Coils
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
Chip RFID Transponder Coils
logo
AIT Components Ltd.
GS4308I-401 AITCOMPONENTS-GS4308I-401 Datasheet
125Kb / 1P
Surface Mount RFID Transponder Coils
logo
Coilcraft lnc.
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
RFID Transponder Coils - 5315TC
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
RFID Transponder Coils
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
RFID Transponder Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com