Electronic Components Datasheet Search
  English  ▼

X  

APL3533 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3533
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3533 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3533 Datasheet HTML 5Page - Anpec Electronics Coropration APL3533 Datasheet HTML 6Page - Anpec Electronics Coropration APL3533 Datasheet HTML 7Page - Anpec Electronics Coropration APL3533 Datasheet HTML 8Page - Anpec Electronics Coropration APL3533 Datasheet HTML 9Page - Anpec Electronics Coropration APL3533 Datasheet HTML 10Page - Anpec Electronics Coropration APL3533 Datasheet HTML 11Page - Anpec Electronics Coropration APL3533 Datasheet HTML 12Page - Anpec Electronics Coropration APL3533 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2013
APL3533
www.anpec.com.tw
9
Operating Waveforms
Refer to the typical application circuit. T
A= 25
oC unless otherwise specified.
Shutdown
1
3
2
CH1: VEN, 2V/Div, DC
CH2: VOUT, 200mV/Div, DC
CH3: IOUT, 50mA/Div, DC
TIME: 1
µs/Div
VBIAS=3V, VIN=0.8V
COUT=0.1
µF, CSS=1nF, RL=10Ω
V
EN
V OUT
IOUT
Enable
1
3
2
CH1: VEN, 2V/Div, DC
CH2: VOUT, 200mV/Div, DC
CH3: IOUT, 50mA/Div, DC
TIME: 200
µs/Div
VBIAS=3V, VIN=0.8V
COUT=0.1µF, CSS=1nF, RL=10Ω
VEN
VOUT
IOUT
Shutdown
VEN
VOUT
IOUT
1
3
2
CH1: VEN, 2V/Div, DC
CH2: VOUT, 200mV/Div, DC
CH3: IOUT, 50mA/Div, DC
TIME: 1
µs/Div
VBIAS=3V, VIN=0.8V
COUT=0.1µF, CSS=1nF, RL=10Ω
Enable
1
3
2
VEN
VOUT
I
OUT
CH1: VEN, 2V/Div, DC
CH2: VOUT, 200mV/Div, DC
CH3: IOUT, 50mA/Div, DC
TIME: 200
µs/Div
VBIAS=3V, VIN=0.8V
COUT=0.1
µF, CSS=1nF, RL=10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com