Electronic Components Datasheet Search
  English  ▼

X  

C349 Datasheet(PDF) 4 Page - Coilcraft lnc.

Part # C349
Description  Designers Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C349 Datasheet(HTML) 4 Page - Coilcraft lnc.

  C349 Datasheet HTML 1Page - Coilcraft lnc. C349 Datasheet HTML 2Page - Coilcraft lnc. C349 Datasheet HTML 3Page - Coilcraft lnc. C349 Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 125-4 Revised 10/01/13
Document 125-4
ORDER ON-LINE
http://order.coilcraft.com
Coilcraft Designer’s Kits
Power Transformers
CST Series
SMT Current Sensors
Eight turns ratios
Two different pinouts
16 values (2 of each)
Kit C389 $50
PoE 300F Series
30 Watt Transformers
3.3 – 24Volt output
5 values (3 of each)
Kit C398 $50
PoE EP Series
Transformers
3 Watt , 7 Watt and 13 Watt versions
3.3, 5.0 and 12Volt output
9 values (2 of each)
Kit C395 $50
PoE Series Transformers
6Watt and 13Watt versions
1.8 – 12Volt output
10 values (2 of each)
Kit C372 $50
Miniature PoE
Transformers
6Watt, 1.8 – 12Volt output
Continuous / discontinous modes
10 values (2 of each)
Kit C382 $50
Planar Transformer
Prototyping Kit
Design and build your own
prototypes with no tooling costs and
no waiting.
Kit C356 $125
PL140 Series
Planar Transformers
For 140Watt applications
3 different schematics
6 values (2 of each)
Kit C390 $80
THT Products
RF Inductors
132, 148 Series
Horizontal Mount
Inductors
Tunable and fixed
Inductance:14 nH – 710 nH
33 values (3 of each)
Kit M304 $60
“Slot Seven” 7 mm
Tunable Inductors
Inductance:0.094 µH – 275 µH
39 values (3 of each)
Kit M106 $60
“Slot Ten” 10 mm
Tunable Inductors
Inductance:0.7 µH – 1143 µH
18 shielded, 18 unshielded
(3 of each)
Kit M100 $60
“Unicoil” 7/10 mm
Tunable Inductors
Inductance:0.0435 µH – 1.5 µH
49 shielded, 49 unshielded
(2 of each)
Kit M302 $60
“Unicoil” 5 mm
Tunable Inductors
Inductance:9 nH – 281 nH
19 Shielded, 19 unshielded
(2 of each)
Kit M305 $60
EMI/RFI Filters
Common Mode
Data Line EMI Filters
Attenuation:15dBm,1.5– 300 MHz
2, 3, 4, 8 and10 line
DC current capacity:100, 500 mA
Surface mount and leaded
17 values (4 of each)
Kit D303 $75
Power Inductors
Common Mode
Line Chokes
Inductance:731 µH – 10.5 mH
Current:8.1 – 0.25 Amps rms
8 styles (14 total pieces)
Kit P402 $100
DC1012 Series
Power Inductors
Inductance:10 µH – 330 µH
Current:3.5 – 0.7 Amps
19 styles (3 of each)
Kit P410 $115
PCV Series
Power Filter Chokes
Inductance:4.7 µH – 270 µH
Current:13 – 3.8 Amps rms
18 styles (48 total pieces)
Kit P405 $75
PCH27, 45 Series
Axial Lead Power Chokes
Inductance:3.9 µH – 82 mH
Current:4.3 – 0.04 AC Amps
30 values (2 of each)
Kit P409 $150
Power Magnetics
Current Sensors
Sensing range: 0.02 – 35 Amps
Frequencyresponse:20–50+kHz
Transformer and sensor-only
versions.10 styles (17 total pieces)
Kit P403 $50
Base/Gate Driver
Transformers
Inductance:1.5 mH min.
Frequency:10 - 250 kHz
2 single, 2 double section (2 of each)
Kit P404 $50
LC Filters
Low Pass LC Filters
Poles:3 and 7
Cutofffrequencies:0.30– 500 MHz
Impedance:50 Ohms
Six 7-pole, six 3-pole filters
(2 of each)
Kit D301 $60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com