Electronic Components Datasheet Search
  English  ▼

X  

APL1582 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1582
Description  Dual Input Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1582 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1582 Datasheet HTML 1Page - Anpec Electronics Coropration APL1582 Datasheet HTML 2Page - Anpec Electronics Coropration APL1582 Datasheet HTML 3Page - Anpec Electronics Coropration APL1582 Datasheet HTML 4Page - Anpec Electronics Coropration APL1582 Datasheet HTML 5Page - Anpec Electronics Coropration APL1582 Datasheet HTML 6Page - Anpec Electronics Coropration APL1582 Datasheet HTML 7Page - Anpec Electronics Coropration APL1582 Datasheet HTML 8Page - Anpec Electronics Coropration APL1582 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Apr., 2010
APL1582
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
7
V
VCONTROL
Control Voltage
13.2
V
θ
JA
Thermal Resistance - Junction to Ambient
(Note 2)
62.5
°C/W
PD
Power Dissipation
Internally Limited
W
Operating Junction Temperature
Control Section
0 to 125
TJ
Power Transistor
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Electrical Characteristics
Unless otherwise noted these specifications apply over , C
IN=1µF , COUT=10µF , TJ=0 to 125°C. Typical values refer to TJ=25°C.
V
OUT=VSENSE.
APL1582
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
VCONTROL=2.75 to 12V, VIN=2.05V to 5.5V,
IO =10mA to 3A, VADJ=0V
1.225
1.250
1.275
V
REGLINE
Line Regulation
VCONTROL=2.75V to 12V, VIN=1.75V to 5.5V,
IO =10mA, VADJ=0V
-
-
3
mV
REGLOAD
Load Regulation
(Note 3)
VCONTROL=2.75V, VIN=2.1V, IO =10mA to 3A,
VADJ=0V
-
-
5
mV
VCONTROL-VOUT
Dropout Voltage
(Note 4)
VIN=2.05V, IO =3A, VADJ=0V
-
1.10
1.25
V
VIN-VOUT
Dropout Voltage
(Note 4)
VCONTROL=2.75V, IO =3A, VADJ=0V
-
0.45
-
V
ILIMIT
Current-Limit
VCONTROL=2.75V, VIN=2.05V
3.2
-
-
A
ILMIN
Minimum Load Current
(Note 5)
VCONTROL=5V, VIN=3.3V, VADJ=0V
-
5
10
mA
REGTHERMAL
Thermal Regulation
30mS Pulse
-
0.01
-
%/W
PSRR
Power Supply Ripple
Rejection
TJ=25
°C, V
RIPPLE=1VPP at 120Hz, VCONTROL=5,
VIN=5V, IO=3A , VADJ=0V
60
70
-
dB
ICONTROL
Control Pin Current
VCONTROL=2.75V, VIN=2.05V, IO =3A, VADJ=0V
-
33
120
mA
IADJ
Adjust Pin Current
VCONTROL=2.75V, VIN=2.05V, VADJ=0V
-
50
120
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Note 3: Low duty cycle pulse test with Kelvin connections are required to maintain data accuracy .
Note 4: Drop-out voltage is defined as the minimum difference between VIN and VOUT required to maintain 1% VOUT regulation .
Note 5: Minimum load current is defined as the minimum current required at the output to maintain VOUT regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com