Electronic Components Datasheet Search
  English  ▼

X  

APL5308 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5308
Description  Low IQ, Low Dropout 300mA Fixed Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5308 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5308 Datasheet HTML 1Page - Anpec Electronics Coropration APL5308 Datasheet HTML 2Page - Anpec Electronics Coropration APL5308 Datasheet HTML 3Page - Anpec Electronics Coropration APL5308 Datasheet HTML 4Page - Anpec Electronics Coropration APL5308 Datasheet HTML 5Page - Anpec Electronics Coropration APL5308 Datasheet HTML 6Page - Anpec Electronics Coropration APL5308 Datasheet HTML 7Page - Anpec Electronics Coropration APL5308 Datasheet HTML 8Page - Anpec Electronics Coropration APL5308 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Dec., 2008
APL5308/9
www.anpec.com.tw
3
Electrical Characteristics
APL5308/9
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.7
-
6
V
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX
VOUT -2
%
VOUT
VOUT +2
%
V
ILIMIT
Circuit Current Limit
VIN = VOUT+1V
-
650
-
mA
ISHORT
Short Current
VOUT = 0V
-
50
-
mA
IOUT
Load Current
VIN = VOUT+1V
300
-
-
mA
REGLINE Line Regulation
VOUT+1V< VCC<6.0V, IOUT = 1mA
-
1
10
mV
REGLOAD Load Regulation
VIN = VOUT+1V, 0mA< IOUT < IMAX
-
10
25
mV
Load Transient
VIN= VOUT+1V, IOUT = 1mA-300mA in 1
µs
-
150
250
mV
1.5V
≤V
OUT<2.0V
-
1
1.2
2.0V
≤V
OUT<2.5V
-
0.8
0.9
2.5V
≤V
OUT<3V
-
0.6
0.7
VDROP
Dropout Voltage
(Note3)
IOUT =300mA
3V
≤V
OUT
≤ 3.5V
-
0.4
0.5
V
PSRR
Ripple Rejection
F
≤1kHz, 1Vpp at V
IN = VOUT+1.0V
45
55
-
dB
No load
-
60
100
IQ
Quiescent Current
IOUT = 300mA
-
450
500
µA
Absolute Maximum Ratings (Note 1, 2)
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
RTH,JA
Thermal Resistance – Junction to Ambient
SOT-23-3
SOT-23-5
SOT-89
260
260
180
°C/W
RTH,JC
Thermal Resistance – Junction to Case
SOT-23-3
SOT-23-5
SOT-89
130
130
60
°C/W
PD
Power Dissipation
Internally Limited
W
TJMAX
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature, 10 Seconds
260
°C
Note 1: Stresses beyond the absolute maximum rating may damage the device and operating in the absolute maximum rating
conditions may affect device reliability.
Note 2: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD (max) = (TJ - TA) /
θ
JA;
TJ = 125
oC. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Unless otherwise noted these specifications apply over full temperature, C
IN = 1µF, COUT = 4.7µF, TA= -40 to 85°C. Typical values refer
to T
A = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com