Electronic Components Datasheet Search
  English  ▼

X  

APL5320 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APL5320
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APL5320 Datasheet HTML 14Page - Anpec Electronics Coropration APL5320 Datasheet HTML 15Page - Anpec Electronics Coropration APL5320 Datasheet HTML 16Page - Anpec Electronics Coropration APL5320 Datasheet HTML 17Page - Anpec Electronics Coropration APL5320 Datasheet HTML 18Page - Anpec Electronics Coropration APL5320 Datasheet HTML 19Page - Anpec Electronics Coropration APL5320 Datasheet HTML 20Page - Anpec Electronics Coropration APL5320 Datasheet HTML 21Page - Anpec Electronics Coropration APL5320 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
18
Package Information
TDFN1.6x1.6-6
MIN.
MAX.
0.80
0.00
0.20
0.30
0.95
1.05
0.05
0.55
A
A1
b
D
D2
E
E2
e
K
MILLIMETERS
A3
0.20 REF
TDFN1.6x1.6-6
0.20
-
0.65
0.008 REF
MIN.
MAX.
INCHES
0.031
0.000
0.008
0.012
0.037
0.041
0.022
0.008
-
0.70
0.026
0.028
0.002
0.50 BSC
0.020 BSC
S
Y
M
B
O
L
1.55
1.65
0.061
0.065
1.55
1.65
0.061
0.065
L
0.19
0.29
0.007
0.011
D2
e
Pin 1 Corner
A
A1
A3
D
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com