Electronic Components Datasheet Search
  English  ▼

X  

AD7276 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7276
Description  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7276 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7276 Datasheet HTML 8Page - Analog Devices AD7276 Datasheet HTML 9Page - Analog Devices AD7276 Datasheet HTML 10Page - Analog Devices AD7276 Datasheet HTML 11Page - Analog Devices AD7276 Datasheet HTML 12Page - Analog Devices AD7276 Datasheet HTML 13Page - Analog Devices AD7276 Datasheet HTML 14Page - Analog Devices AD7276 Datasheet HTML 15Page - Analog Devices AD7276 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7273/AD7274
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–20
–40
–60
–80
–100
–120
FREQUENCY (kHz)
16384 POINT FFT
FSAMPLE = 3MSPS
FIN = 1MHz
SINAD = 71.05
THD = –80.9
SFDR = –82.2
Figure 10. AD7274 Dynamic Performance at 3 MSPS, Input Tone = 1 MHz
–20
–40
–60
–80
–100
–120
FREQUENCY (kHz)
16384 POINT FFT
FSAMPLE = 3MSPS
FIN = 1MHz
SINAD = 66.56
THD = –77.4
SFDR = –78.2
Figure 11. AD7273 Dynamic Performance at 3 MSP, Input Tone = 1 MHz
72.2
72.0
71.0
70.8
70.6
70.4
71.2
70.2
70.0
69.8
69.6
69.4
69.2
71.4
71.6
71.8
69.0
100
1500
1000
INPUT FREQUENCY (kHz)
VDD = 3V
VDD = 3.6V
FSAMPLE = 3MSPS
VDD = 2.5V
Figure 12. AD7274 SINAD vs. Analog Input Frequency at 3 MSPS
for Various Supply Voltages, SCLK Frequency = 48 MHz
72.2
72.0
71.8
71.6
71.4
71.2
71.0
70.8
70.6
70.4
70.2
100
1500
1000
INPUT FREQUENCY (kHz)
VDD = 3V
VDD = 2.5V
VDD = 3.6V
FSAMPLE = 3MSPS
Figure 13. AD7274 SNR vs. Analog Input Frequency at 3 MSPS
for Various Supply Voltages, SCLK Frequency = 48 MHz
–72
–74
–76
–78
–80
–82
–84
–86
–88
–90
100
1500
1000
INPUT FREQUENCY (kHz)
VDD = 2.5V
VDD = 3V
VDD = 3.6V
Figure 14. THD vs. Analog Input Frequency at 3 MSPS
for Various Supply Voltages, SCLK Frequency = 48 MHz
–40
–50
–60
–70
–80
–90
100
1500
1000
INPUT FREQUENCY (kHz)
RIN = 100Ω
RIN = 0Ω
RIN = 10Ω
Figure 15. THD vs. Analog Input Frequency at 3 MSPS for Various Source
Impedance, SCLK Frequency = 48 MHz, Supply Voltage = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com