Electronic Components Datasheet Search
  English  ▼

X  

APL5546 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5546
Description  Dual Channel 500mA/500mA Regulator Reset IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5546 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5546 Datasheet HTML 1Page - Anpec Electronics Coropration APL5546 Datasheet HTML 2Page - Anpec Electronics Coropration APL5546 Datasheet HTML 3Page - Anpec Electronics Coropration APL5546 Datasheet HTML 4Page - Anpec Electronics Coropration APL5546 Datasheet HTML 5Page - Anpec Electronics Coropration APL5546 Datasheet HTML 6Page - Anpec Electronics Coropration APL5546 Datasheet HTML 7Page - Anpec Electronics Coropration APL5546 Datasheet HTML 8Page - Anpec Electronics Coropration APL5546 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2006
www.anpec.com.tw
4
APL5546
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature , VIN=5V, CIN=1
µF,COUT1=4.7µF,
COUT2=4.7
µF, CONT=VIN, TJ=0 to 125°C . Typical values refer to TJ=25°C .
APL5546
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Regulator2
PSRR
Ripple Rejection
F
≤1kHz, 1Vpp at I
OUT=50mA
C
=10nf
45
55
dB
Over Temperature Shutdown
170
°C
OTS
Over Temperature Shutdown
Hysteresis
Hysteresis
15
°C
TC
Output Voltage Temperature
Coefficient
Ta= -20 ~ 80
°C
100
ppm/
°C
COUT
Output Capacitor
4.7
µF
ESR
0.01
1
Ohm
RESET / RESET
VS
VDET=H
→L (APL5546A)
3.9
V
Detection Voltage
VDET=H
→L (APL5546B)
4.2
V
△VS/△T Vs Temperature Coefficient TA = A -20~+80°C
100
ppm/°C
△VS
Hysteresis Voltage
VDET = H
→L
130
180
230
mV
VOL
Low-level Output Voltage
VDET = 3.9V, RL = 4.7k
Ω
22
60
mV
IOH
Output Leakage Current
VDET = 5V
0.5
1
µA
IOL1
Output Current1
VDET =3.9V, VRESET = 0.4V
10
14
mA
IOL2
Output Current2
VDET = 3.9V, VRESET = 0.4V
TA = -20~+80
°C
8
14
mA
tPLH
“H” Transmission Delay Time Cd = 0µF
42
90
µs
tPLH1
Reset Delay Time
VDET = 3.7V
à5V, Cd = 0.1µF
8
13
18
ms
tPHL
“L”Transmission Delay Time Cd = 0µF
4
90
µs
VOPL
Threshold Operating Voltage VRESET = 0.4V
0.95
1.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com