Electronic Components Datasheet Search
  English  ▼

X  

ATmega165PA-MCHR Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATmega165PA-MCHR
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165PA-MCHR Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATmega165PA-MCHR Datasheet HTML 3Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 4Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 5Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 6Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 7Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 8Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 9Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 10Page - ATMEL Corporation ATmega165PA-MCHR Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ATmega165A/PA/325A/PA/3250A/PA/645A/P/6450A/P [SUMMARY]
8285ES–AVR–02/2013
externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port C also serves the functions of special features of the Atmel
ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P as listed on ”Alternate functions of
Port D” on page 70.
2.3.6
Port D (PD7:PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port D also serves the functions of various special features of the
ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P as listed on ”Alternate functions of
Port D” on page 70.
2.3.7
Port E (PE7:PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port E also serves the functions of various special features of the
ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P as listed on ”Alternate functions of
Port E” on page 71.
2.3.8
Port F (PF7:PF0)
Port F serves as the analog inputs to the A/D Converter.
Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal
pull-up resistors (selected for each bit). The Port F output buffers have symmetrical drive characteristics with both
high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not
running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be
activated even if a reset occurs.
Port F also serves the functions of the JTAG interface, see ”Alternate functions of Port F” on page 73.
2.3.9
Port G (PG5:PG0)
Port G is a 6-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port G output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port G pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port G pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port G also serves the functions of various special features of the
ATmega165A/165PA/325A/325PA/3250A/3250PA/645A/645P/6450A/6450P as listed on page 75.
2.3.10
Port H (PH7:PH0)
Port H is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port H output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port H pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port H pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port H also serves the functions of various special features of the ATmega3250A/3250PA/6450A/6450P as listed
on page 76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com