Electronic Components Datasheet Search
  English  ▼

X  

2SA1182 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1182
Description  Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1182 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1182 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1182 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1182 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1182
2007-11-01
1
TOSHIBA Transistor
Silicon PNP Epitaxial (PCT process)
2SA1182
Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications
• Excellent hFE linearity: hFE (2) = 25 (min)
at VCE = −6 V, IC = −400 mA
• Complementary to 2SC2859.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−35
V
Collector-emitter voltage
VCEO
−30
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−500
mA
Base current
IB
−50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −35 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
hFE (1)
VCE = −1 V, IC = −100 mA
70
⎯
240
DC current gain
(Note)
hFE (2)
VCE = −6 V, IC = −400 mA
25
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
⎯
−0.1
−0.25
V
Base-emitter voltage
VBE
VCE = −1 V, IC = −100 mA
⎯
−0.8
−1.0
V
Transition frequency
fT
VCE = −6 V, IC = −20 mA
⎯
200
⎯
MHz
Collector output capacitance
Cob
VCB = −6 V, IE = 0, f = 1 MHz
⎯
13
⎯
pF
Note: hFE (1) classification O(O): 70~140, Y(Y): 120~240, GR(G): 200~400 (
) Marking Symbol
hFE (2) classification O: 25 (min), Y: 40 (min), GR: 70 (min)
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SA1182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1182 TOSHIBA-2SA1182 Datasheet
129Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
20-Aug-1999
2SA1182 TOSHIBA-2SA1182 Datasheet
318Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
logo
Guangdong Kexin Industr...
2SA1182 KEXIN-2SA1182 Datasheet
88Kb / 2P
Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA1182 NJSEMI-2SA1182 Datasheet
227Kb / 1P
New Jersey Semi-Conductor Products,
logo
Guangdong Kexin Industr...
2SA1182-G KEXIN-2SA1182-G Datasheet
940Kb / 2P
PNP Transistors
More results

Similar Description - 2SA1182

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1313 TOSHIBA-2SA1313 Datasheet
145Kb / 2P
TRANSISITOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
10-Apr-1997
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182 TOSHIBA-2SA1182_07 Datasheet
318Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325Y TOSHIBA-2SC3325Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325O TOSHIBA-2SC3325O Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com