Electronic Components Datasheet Search
  English  ▼

X  

2SC3325 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3325
Description  Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3325 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3325 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3325 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3325 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3325 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3325
2007-11-01
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process)
2SC3325
Audio Frequency Low Power Amplifier Applications
Driver Stage Amplifier Applications
Switching Applications
• Excellent hFE linearity: hFE (2) = 25 (min) (VCE = 6 V, IC = 400 mA)
• High voltage: VCEO = 50 V (min)
• Complementary to 2SA1313
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
500
mA
Base current
IB
50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC3325

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3325 TOSHIBA-2SC3325 Datasheet
138Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY SOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SC3325 TOSHIBA-2SC3325 Datasheet
302Kb / 4P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC3325 KEXIN-2SC3325 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3325 TOSHIBA-2SC3325 Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications
2SC3325 TOSHIBA-2SC3325 Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results

Similar Description - 2SC3325

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1313 TOSHIBA-2SA1313 Datasheet
145Kb / 2P
TRANSISITOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182 TOSHIBA-2SA1182_07 Datasheet
318Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325O TOSHIBA-2SC3325O Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com