Electronic Components Datasheet Search
  English  ▼

X  

10SVP330M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 10SVP330M
Description  4. SPECIFICATIONS FOR EACH SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

10SVP330M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  10SVP330M Datasheet HTML 1Page - Sanyo Semicon Device 10SVP330M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31
※1
Capacitance tolerance : M
±20%
※2
After 2 minutes
※3
The surge voltage of 25V products is 25V. Please consider SVPD series 25V products (whose surge voltage is 29V)
in placing a new order.
A5
16SVP3R3M
10SVP4R7M
10SVP6R8M
10SVP10M
10SVP15M
6SVP22M
4SVP33M
20SVP10M
16SVP15M
16SVP22M
10SVP33M
6SVP47M
4SVP39M
4SVP68M
25SVP6R8M
20SVP22M
20SVP27M
16SVP39M
10SVP47M
10SVP56M
6SVP82M
6SVP100M
6SVP120MV
4SVP150MX
2R5SVP220M
25SVP10M
20SVP33M
20SVP47M
16SVP56M
16SVP82M
10SVP120M
10SVP150MX
6SVP220MX
4SVP150M
4SVP330M
25SVP22M
20SVP56M
20SVP68M
16SVP100M
16SVP150M
16SVP180MX
10SVP150M
10SVP270M
10SVP330MX
6SVP220M
6SVP330M
6SVP470MX
4SVP680M
25SVP33M
20SVP100M
16SVP180M
10SVP330M
6SVP470M
4SVP560M
2R5SVP680M
25SVP56M
20SVP150M
16SVP330M
10SVP560M
6SVP820M
4SVP1200M
2R5SVP1500M
16
10
10
10
10
6.3
4
20
16
16
10
6.3
4
4
25
20
20
16
10
10
6.3
6.3
6.3
4
2.5
25
20
20
16
16
10
10
6.3
4
4
25
20
20
16
16
16
10
10
10
6.3
6.3
6.3
4
25
20
16
10
6.3
4
2.5
25
20
16
10
6.3
4
2.5
B6
C6
E7
F8
E12
F12
3.3
4.7
6.8
10
15
22
33
10
15
22
33
47
39
68
6.8
22
27
39
47
56
82
100
120
150
220
10
33
47
56
82
120
150
220
150
330
22
56
68
100
150
180
150
270
330
220
330
470
680
33
100
180
330
470
560
680
56
150
330
560
820
1200
1500
260
240
240
220
200
200
200
120
120
90
70
70
70
60
80
60
60
50
50
45
45
40
17
40
23
60
45
45
45
40
35
35
35
35
35
50
40
40
35
30
30
30
25
25
25
25
25
25
30
24
20
17
15
13
13
28
20
16
13
12
12
12
660
670
670
700
740
740
740
1020
1020
1060
1100
1100
1100
1400
1200
1450
1450
1620
1620
1700
1700
1810
2780
1810
2390
1500
1890
1890
1890
2120
2560
2560
2560
2560
2560
2000
2400
2400
2670
3020
3020
3020
3700
3700
3700
3700
3700
3700
2980
3320
3640
3950
4210
4520
4520
3800
4320
4720
5230
5440
5440
5440
0.07
0.08
0.09
0.10
0.10
0.12
0.15
0.10
0.10
0.10
0.12
0.12
0.12
0.12
0.10
0.10
0.10
0.10
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.10
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.10
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.15
0.15
0.15
0.15
0.15
0.15
0.12
0.15
0.15
0.15
0.15
0.18
0.18
26.4
23.5
34.0
50.0
75.0
69.3
66.0
100
120
176
165
148
78
136
85
88
108
125
94
112
103
126
151
120
110
125
132
188
179
262
240
300
277
120
264
275
224
272
320
480
576
300
540
660
277
416
592
544
413
400
576
660
592
448
340
700
600
792
840
775
960
750
Size
Code
Part Number
※1
■Table7 SVP Series Characteristics List
Rated
Voltage
(V)
Rated
Capacitance
(
µF)
ESR
100kHz to 300kHz
(m
Ω) (max.)
Rated
ripple current
(mArms)
Tangent of
loss angle
(max.)
Leakage
current (
µA)
(max.)
※2
4. SPECIFICATIONS FOR EACH SERIES
Frequency coefficient for ripple current
Frequency
Coefficient
120Hz
≦ f <1kHz
0.05
1kHz
≦ f <10kHz
0.3
10kHz
≦ f <100kHz
0.7
100kHz
≦ f ≦500kHz
1
※3
※3
※3
※3
※3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com