Electronic Components Datasheet Search
  English  ▼

X  

APW7083 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7083
Description  5A, 26V, 380kHz, Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7083 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7083 Datasheet HTML 1Page - Anpec Electronics Coropration APW7083 Datasheet HTML 2Page - Anpec Electronics Coropration APW7083 Datasheet HTML 3Page - Anpec Electronics Coropration APW7083 Datasheet HTML 4Page - Anpec Electronics Coropration APW7083 Datasheet HTML 5Page - Anpec Electronics Coropration APW7083 Datasheet HTML 6Page - Anpec Electronics Coropration APW7083 Datasheet HTML 7Page - Anpec Electronics Coropration APW7083 Datasheet HTML 8Page - Anpec Electronics Coropration APW7083 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Sep., 2011
APW7083
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7083
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CURRENT-MODE PWM CONVERTER (CONT.)
Current-Sense Resistance
-
0.12
-
Ω
High-side Switch Resistance
Between VIN and Exposed Pad,
TJ = 25
oC
-
50
80
m
Ω
Low-side Switch Resistance
Between GND and Exposed Pad,
TJ = 25
oC
-
20
30
m
Ω
PROTECTIONS
ILIM
P-Channel Power MOSFET
Current-Limit
Peak Current
6
8
10
A
VUV
FB Under-Voltage Threshold
VFB falling
66
70
74
%
FB Under-Voltage Hysteresis
-
40
-
mV
FB Under-Voltage Debounce
-
2
-
µs
VOV
FB Over-Voltage Threshold
VFB Rising
114
118
122
%
FB Over-Voltage Hysteresis
-
40
-
mV
TOTP
Over-Temperature Trip Point
-
150
-
oC
Over-Temperature Hysteresis
-
50
-
oC
TD
Dead-Time
VLX = -0.7V, VIN = 4.5 ~ 26V
-
30
-
ns
SOFT-START, ENABLE, AND INPUT CURRENTS
tSS
Soft-Start Interval
-
8
-
ms
Preceding Delay before Soft-Start
-
11
-
ms
EN Logic Low Voltage
VEN falling, VIN = 4.5 ~ 26V
-
-
0.5
V
EN Logic High Voltage
VEN rising, VIN = 4.5 ~ 26V
2.1
-
-
V
EN Pin Clamped Voltage
IEN = 10mA
12
-
17
V
P-Channel Power MOSFET Leakage
Current
VEN = 0V, VLX = 0V, VIN = 26V
-
-
4
µA
IFB
FB Pin Input Current
VFB = 0.8V
-100
-
+100
µA
IEN
EN Pin Input Current
VEN < 3V
-500
-
+500
µA
Refer to the typical application circuits. These specifications apply over V
IN=12V, VOUT=3.3V and TA=-40~85
oC, unless
otherwise specified. V
CC is regulated by an internal regulator. Typical values are at TA=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com