Electronic Components Datasheet Search
  English  ▼

X  

APW7085 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7085
Description  2A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7085 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7085 Datasheet HTML 9Page - Anpec Electronics Coropration APW7085 Datasheet HTML 10Page - Anpec Electronics Coropration APW7085 Datasheet HTML 11Page - Anpec Electronics Coropration APW7085 Datasheet HTML 12Page - Anpec Electronics Coropration APW7085 Datasheet HTML 13Page - Anpec Electronics Coropration APW7085 Datasheet HTML 14Page - Anpec Electronics Coropration APW7085 Datasheet HTML 15Page - Anpec Electronics Coropration APW7085 Datasheet HTML 16Page - Anpec Electronics Coropration APW7085 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Sep., 2010
APW7085
www.anpec.com.tw
13
Typical Application Circuits (Cont.)
2. Dual Power Inputs Step-down Converter (V
IN=4.5~26V)
+5V
R2
1%
LX
EN
2
VIN
GND
COMP
6
U1
APW7085
FB
7
UGND
3
V
OUT
0.8V~90%V
IN
/2A
L1
2A
D1
VCC
4
C3
1
µF
C2
1
µF
V
IN
4.5~26V
C1
10
µF
C5
R4
C6
D2
Schottky
Diode
C4
22
µF
R1
1%
R3
100k
Ω
V
IN
C7
(Optional)
5
3. 4.5~5.5V Single Power Input Step-down Converter
R2
1%
LX
EN
2
VIN
GND
COMP
6
U1
APW7085
FB
7
UGND
3
V
OUT
0.8V~90%V
IN
/2A
L1
2A
D1
VCC
4
C3
1
µF
C2
1
µF
V
IN
4.5~5.5V
C1
10
µF
C5
R4
C6
C4
22
µF
R1
1%
C7
(Optional)
R3
100k
Ω
V
IN
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com