Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7095_08 Datasheet HTML 9Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 10Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 11Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 12Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 13Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 14Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 15Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 16Page - Anpec Electronics Coropration APW7095_08 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APW7095/A
www.anpec.com.tw
13
vvv
1.VBAT=2.7V~6V (4-Cell Battery or 1-Cell LI-ION) for 2 Buck and 4 Boost Converter (Using APW7095)
Typical Application Circuit
Driver
APM2301A
APM2300A
CH1 Buck
Controller
1.25V
Vref
Q1
Q2
Driver
CH2 Buck
Controller
1.25V
Vref
Driver
CH3
Boost
Controller
1.25V
Vref
Driver
CH4
Boost
Controller
1.25V
Vref
Driver
CH5
Boost
Controller
1.25V
Vref
Driver
CH6
Boost
Controller
1.26V
Vref
1.8V/300mA
OUT1-1
OUT1-2
IN1
FB1
APM2301A
APM2300A
Q3
Q4
3.3V/300mA
OUT2-1
OUT2-2
IN2
FB2
APM2300A
Q5
15V/20mA
OUT3
-10V/20mA
FB3
IN3
SWOUT
FB6
IN6
OUT6
FB5
IN5
OUT5-2
FB4
IN4
OUT4
5V
5V/300mA
DTC1
DTC2
DTC3
CIN6
OUTA4
INA4
INS4
DTC4
DTC5
APW7095
VCC
7.5V/20mA
VREF
VREF
VREF
VREF
VREF
CTL
CTL1,2
CTL3
CTL4
CTL5
SWIN
PGOOD
VREF
VBAT
VBAT
5V
VBAT
VBAT
VBAT
C1
R1
D1
C2
R2
R3
C3
R4
R5
C4
L1
L2
C5
L3
C6
R6
R7
R8
R9
R10
D2
C7
C8
C9
C10
C11
C12
T1
D3
D4
R11
R12
R13
R14
R15
R16
C13
C14
C15
C16
C17
C18
C21
C20
C19
Q6
D5
R17
R18
R19
Q7
R21
R20
R23
R22
R24
C22
C23
C24
C25
L4
L5
Q8
Q9
Q10
D6
R25
R26
R27
R28
R31
R29
L6
C26
C28
C27
Q11
D7
OUT5-1
PVCC
APM2312
APM2301A
APM2300A
APM2301A
APM2301A
APM2300A
SS0520
SS12
SS12
SS12
SS12
SS12
SS12
22
µF
100
µF
22
µH
0.1
µF
1K
6.8K
15K
24K
47K
22
µF
10
µF
22
µH
22
µH
100
µF
0.1
µF
24K
1K
15K
18K
47K
22
µF
22
µF
22
µF
4700PF
0.1
µF
1K
165K
15K
18K
47K
0.22
µF
100PF
30K
0.1
µF
0.1
µF
0.33
µF
1K
100K
309K
0.1
µF
22
µH
22
µF
22
µF
22
µF
24K
47K
100K
1K
300K
0.1
µF
22
µF
22
µF
22
µF
22
µH
24K
47K
22
µF
22
µF
22
µH
0
15k
75k
0.1
µF
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com