Electronic Components Datasheet Search
  English  ▼

X  

APW7104 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7104
Description  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7104 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7104 Datasheet HTML 1Page - Anpec Electronics Coropration APW7104 Datasheet HTML 2Page - Anpec Electronics Coropration APW7104 Datasheet HTML 3Page - Anpec Electronics Coropration APW7104 Datasheet HTML 4Page - Anpec Electronics Coropration APW7104 Datasheet HTML 5Page - Anpec Electronics Coropration APW7104 Datasheet HTML 6Page - Anpec Electronics Coropration APW7104 Datasheet HTML 7Page - Anpec Electronics Coropration APW7104 Datasheet HTML 8Page - Anpec Electronics Coropration APW7104 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Mar., 2012
APW7104
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
Input Bias Supply Voltage (VIN to GND)
-0.3 ~ 7
V
RUN, FB, SW to GND Voltage
-0.3 ~ VIN+0.3
V
PD
Power Dissipation
Internally Limited
W
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TSOT-23-5A
SOT-23-5
220
250
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Symbol
Parameter
Range
Unit
VIN
Input Bias Supply Voltage (VIN to GND)
2.7 ~ 6
V
VOUT
Converter Output Voltage
0.6 ~ VIN
V
IOUT
Converter Output Current
0 ~ 1
A
L1
Converter Output Inductor
1.0 ~ 10
µH
CIN
Converter Input Capacitor
4.7 ~100
µF
COUT
Converter Output Capacitor
4.7 ~100
µF
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit
APW7104
Handling Code
Temperature Range
Package Code
Assembly Material
APW7104 BT :
W04X
X - Date Code
Package Code
BT : TSOT-23-5A
B : SOT-23-5
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7104 B :
W04X
X - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com