Electronic Components Datasheet Search
  English  ▼

X  

APW7158 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7158
Description  Dual Synchronous Buck PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7158 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7158 Datasheet HTML 5Page - Anpec Electronics Coropration APW7158 Datasheet HTML 6Page - Anpec Electronics Coropration APW7158 Datasheet HTML 7Page - Anpec Electronics Coropration APW7158 Datasheet HTML 8Page - Anpec Electronics Coropration APW7158 Datasheet HTML 9Page - Anpec Electronics Coropration APW7158 Datasheet HTML 10Page - Anpec Electronics Coropration APW7158 Datasheet HTML 11Page - Anpec Electronics Coropration APW7158 Datasheet HTML 12Page - Anpec Electronics Coropration APW7158 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug., 2009
APW7158
www.anpec.com.tw
9
Operating Waveforms (Cont.)
Refer to the typical application circuit. The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
OUT1 Short Circuit Protection
1
3
2
CH2: V
SS1/EN1, 2V/Div, DC
CH3: V
UGATE1, 20V/Div, DC
TIME: 20μs/Div
CH1: V
COMP1, 2V/Div, DC
V
COMP1
V
SS1/EN1
V
UGATE1
OUT2 Short Circuit Protection
1
3
2
CH2: V
SS2/EN2, 2V/Div, DC
CH3: V
UGATE2, 20V/Div, DC
TIME: 20μs/Div
CH1: V
COMP2, 2V/Div, DC
V
COMP2
V
UGATE2
V
SS2/EN2
OUT2 Load Transient
2
3
CH2: V
OUT2, 200mV/Div, AC
CH3: I
OUT2, 10A/Div, DC
TIME: 50μs/Div
CH1: V
OUT1, 200mV/Div, AC
I
OUT2=0A->10A->0A
I
OUT2 rising/falling
time=5μs
V
OUT1
V
OUT2
I
OUT1
1
OUT1 Load Transient
1
2
3
CH2: V
OUT2, 200mV/Div, AC
CH3: I
OUT1, 10A/Div, DC
TIME: 50μs/Div
CH1: V
OUT1, 200mV/Div, AC
I
OUT1=0A->10A->0A
I
OUT1 rising/falling
time=5μs
V
OUT1
I
OUT1
V
OUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com