Electronic Components Datasheet Search
  English  ▼

X  

APW7153B Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7153B
Description  3A 5V 2MHz Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7153B Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7153B Datasheet HTML 1Page - Anpec Electronics Coropration APW7153B Datasheet HTML 2Page - Anpec Electronics Coropration APW7153B Datasheet HTML 3Page - Anpec Electronics Coropration APW7153B Datasheet HTML 4Page - Anpec Electronics Coropration APW7153B Datasheet HTML 5Page - Anpec Electronics Coropration APW7153B Datasheet HTML 6Page - Anpec Electronics Coropration APW7153B Datasheet HTML 7Page - Anpec Electronics Coropration APW7153B Datasheet HTML 8Page - Anpec Electronics Coropration APW7153B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APW7153/A/B
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VVDD, VPVDD
Input Supply Voltage
-0.3 ~ 6
V
>20ns pulse width
-1 ~VPVDD+0.3
V
VLX
LX to GND Voltage
<20ns pulse width
-3 ~VPVDD+3
V
SHDN/RT, FB, COMP, POK to GND Voltage
-0.3 ~ 6
V
PGND
PGND to GND Voltage
-0.3 ~ +0.3
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TDFN3x3-10
SOP-8P
50
80
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
TDFN3x3-10
SOP-8P
10
20
oC/W
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of TDFN3x3-10 and SOP-8P is soldered directly on the PCB.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the TDFN3x3-10 and SOP-8P
packages.
Package Code
QB : TDFN3x3-10 KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7153/A/B QB:
APW
7153
XXXXX
XXXXX - Date Code
APW7153/A/B
Handling Code
Temperature Range
Package Code
Assembly Material
APW
7153A
XXXXX
APW7153 KA:
APW7153
XXXXX
XXXXX - Date Code
APW
7153B
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com