Electronic Components Datasheet Search
  English  ▼

X  

APW7176 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7176
Description  Dual 1.5MHz, 1A Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7176 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7176 Datasheet HTML 1Page - Anpec Electronics Coropration APW7176 Datasheet HTML 2Page - Anpec Electronics Coropration APW7176 Datasheet HTML 3Page - Anpec Electronics Coropration APW7176 Datasheet HTML 4Page - Anpec Electronics Coropration APW7176 Datasheet HTML 5Page - Anpec Electronics Coropration APW7176 Datasheet HTML 6Page - Anpec Electronics Coropration APW7176 Datasheet HTML 7Page - Anpec Electronics Coropration APW7176 Datasheet HTML 8Page - Anpec Electronics Coropration APW7176 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Mar., 2011
APW7176
www.anpec.com.tw
2
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN1/IN2
Input Supply Voltage (IN1/IN2 to GND1/GND2)
-0.3 ~ 6
V
VFB1/FB2
Voltage on FB1 and FB2 (FB1/FB2 to GND1/GND2)
-0.3 ~ VIN1/IN2+0.3
V
VEN1/EN2
Voltage on EN1 and EN2 (EN1/EN2 to GND1/GND2)
-0.3 ~ VIN1/IN2+0.3
V
VSW1/SW2
Voltage on SW1 and SW2 (SW1/SW2 to GND1/GND2)
-0.3 ~ VIN1/IN2+0.3
V
ISW_PEAK
Peak SW Current
1.8
A
PD
Maximum Power Dissipation (TA=25
oC)
2
W
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TDFN3x3-10
50
θ
JC
Junction-to-Case Resistance in Free Air
TDFN3x3-10
12
°C/W
Thermal Characteristics
Note 2:
θ
JA is measured on with the device mounted the PCB with top-layer pad of approximate 1” square of 1 oz copper.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN1/IN2
Input Supply Voltage (IN1/IN2 to GND1/GND2)
2.7 ~ 5.5
V
R2/R4
Feedback Resistance
(Note 3)
~ 300
k
Ω
IOUT
Output Current
0 ~ 1
A
TA
Operating Ambient Temperature
-40 ~ 85
°C
TJ
Operating Junction Temperature
-40 ~ 125
°C
Electrical Characteristics
APW7176
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN1/IN2
Each Converter Input Voltage Range
2.7
-
5.5
V
IFB1/FB2
FB1/FB2 Input Current
VFB1/FB2=0.6V
-30
-
30
nA
VREF1/REF2
Each Converter Reference Voltage
IOUT=0mA~1A
0.588
0.6
0.612
V
∆V
REF1/REF2
Each Converter Reference Voltage Line
Regulation
-40
oC
≤T
A
≤85 oC
-
0.04
-
%/V
IPK
Each Converter Peak Inductor Current
VIN1/IN2=3.3V, VFB=0.5V or
VOUT=90%, Duty cycle < 35%
1.4
1.6
-
A
The denotes the specifications that apply over V
IN=3.6V and TA =25°C, unless otherwise specifications.
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 3: Please refer to the typical application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com