Electronic Components Datasheet Search
  English  ▼

X  

8P8C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8P8C
Description  Modular Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8P8C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8P8C Datasheet HTML 1Page - List of Unclassifed Manufacturers 8P8C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Modular Plug
Page <1>
16/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications:
Materials
Housing : Polycarbonate
Contact : Copper alloy, gold plated
Dimensions : Millimetres
For Round Cable
Description
Part Number
Plug, RJ45, 8P8C, Flat
7001-8P8C
Plug, RJ45, 8P8C, Round
7001-8P8C-R
Part Number Table


Similar Part No. - 8P8C

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
8P8C PROSIGNAL-8P8C Datasheet
556Kb / 2P
Patch Lead CAT 6A
V1.0 31/05/16
More results

Similar Description - 8P8C

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MO-4-4-F50-R ASSMANN-A-MO-4-4-F50-R Datasheet
52Kb / 1P
Modular Cable Plug
A-MO-6-6-SF-R ASSMANN-A-MO-6-6-SF-R Datasheet
53Kb / 1P
Modular Cable Plug
A-MO-8-8-SFS-R ASSMANN-A-MO-8-8-SFS-R Datasheet
55Kb / 1P
Modular Cable Plug
A-MO-6-4-F50 ASSMANN-A-MO-6-4-F50 Datasheet
56Kb / 1P
Modular Cable Plug
A-MO-6-6-SR ASSMANN-A-MO-6-6-SR Datasheet
64Kb / 1P
Modular Cable Plug
A-MO-8-8-SR ASSMANN-A-MO-8-8-SR Datasheet
279Kb / 1P
Modular Cable Plug
logo
Adam Technologies, Inc.
MTP-88-X ADAM-TECH-MTP-88-X Datasheet
101Kb / 1P
MODULAR TELEPHONE PLUG
MTP-88-X-C5E-SL ADAM-TECH-MTP-88-X-C5E-SL Datasheet
83Kb / 1P
MODULAR TELEPHONE PLUG
MTP-1515-X ADAM-TECH-MTP-1515-X Datasheet
113Kb / 1P
MODULAR TELEPHONE PLUG
MTPR-88-X-S ADAM-TECH-MTPR-88-X-S Datasheet
96Kb / 1P
MODULAR TELEPHONE PLUG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com