Electronic Components Datasheet Search
  English  ▼

X  

PWB2010LD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PWB2010LD
Description  Surface Mount Wideband RF Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PWB2010LD Datasheet(HTML) 1 Page - Coilcraft lnc.

  PWB2010LD Datasheet HTML 1Page - Coilcraft lnc. PWB2010LD Datasheet HTML 2Page - Coilcraft lnc. PWB2010LD Datasheet HTML 3Page - Coilcraft lnc. PWB2010LD Datasheet HTML 4Page - Coilcraft lnc. PWB2010LD Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SurfaceMountWidebandRFTransformers
Document 591-1
Document 591-1 Revised 09/01/11
Part
3 dB
2 dB
1 dB
number
(MHz)
(MHz)
(MHz)
PWB-1-AL_
0.08 – 450
0.13 – 325
0.30 – 190
PWB-1.5-AL_
0.03 – 300
0.035 – 250
0.06 – 150
PWB-2-AL_
0.05 – 200
0.06 – 160
0.10 – 100
PWB-4-AL_
0.15 – 500
0.24 – 300
0.60 – 140
PWB-16-AL_
0.05 – 80
0.06 – 75
0.11 – 30
PWB1010L_
0.0035 – 125
0.0045 – 100
0.007 – 80
PWB1010-1L_ 0.03 – 250
0.04 – 225
0.06 – 200
PWB1015L_
0.07 – 225
0.10 – 200
0.20 – 125
PWB1040L_
0.15 – 400
0.25 – 350
0.80 – 250
PWB-1-BL_
0.13 – 425
0.18 – 325
0.32 – 190
PWB-1.5-BL_
0.50 – 250
0.80 – 175
1.50 – 120
PWB-2-BL_
0.20 – 400
0.225 – 275
0.50 – 150
PWB-4-BL_
0.14 – 700
0.20 – 400
0.40 – 150
PWB-16-BL_
0.075 – 90
0.11 – 75
0.20 – 65
PWB2010L_
0.0035 – 125
0.0045 – 100
0.007 – 80
PWB2010-1L_ 0.03 – 250
0.04 – 225
0.06 – 200
PWB2040L_
0.15 – 400
0.25 – 350
0.80 – 250
PWB-1-CL_
0.10 – 300
0.13 – 200
0.20 – 150
PWB-1.5-CL_
0.15 – 200
0.225 – 150
0.35 – 100
PWB-2-CL_
0.13 – 285
0.20 – 175
0.325 – 125
PWB-4-CL_
0.14 – 500
0.20 – 230
0.40 – 110
PWB3010L_
0.0035 – 125
0.0045 – 100
0.007 – 80
PWB3010-1L_ 0.03 – 250
0.04 – 225
0.06 – 200
PWB3015L_
0.07 – 225
0.10 – 200
0.20 – 125
PWB3040L_
0.15 – 400
0.25 – 350
0.80 – 250
Typical Frequency Response
Core material Ferrite
Terminations RoHS compliant tin-silver-copper over tin over nickel
over phos bronze. Other terminations available at additional cost.
Weight 250 – 270 mg
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
60 per billion hours / 16,666,667 hours, calculated per Telcordia SR-332
Packaging 250/7
″reel; 1000/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 12 mm pocket spacing, 5.0 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
• Cost effective surface mount wideband transformers
• 300 V interwinding isolation, 1/4 Watt RF input power
• 250 mA max current rating.
Dimensions are in
inches
mm


Similar Part No. - PWB2010LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB2010L COILCRAFT-PWB2010L Datasheet
329Kb / 5P
Surface Mount Wideband RF Transformers
PWB2010L COILCRAFT-PWB2010L Datasheet
252Kb / 5P
Surface Mount Wideband RF Transformers
More results

Similar Description - PWB2010LD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z9280-A ETC2-Z9280-A Datasheet
222Kb / 1P
Surface Mount Wideband RF Transformers
logo
Coilcraft lnc.
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
329Kb / 5P
Surface Mount Wideband RF Transformers
1812WBT-1L COILCRAFT-1812WBT-1L Datasheet
124Kb / 2P
Surface Mount Wideband RF Transformers
TTWB-1-AL COILCRAFT-TTWB-1-AL Datasheet
239Kb / 5P
Surface Mount Wideband RF Transformers
Z9280-AL COILCRAFT-Z9280-AL Datasheet
355Kb / 2P
Surface Mount Wideband RF Transformers
PWB-2-BLB COILCRAFT-PWB-2-BLB Datasheet
252Kb / 5P
Surface Mount Wideband RF Transformers
1812WBT-3LB COILCRAFT-1812WBT-3LB Datasheet
236Kb / 2P
Surface Mount Wideband RF Transformers
TTWB1010LD COILCRAFT-TTWB1010LD Datasheet
230Kb / 5P
Surface Mount Wideband RF Transformers
Z9280 COILCRAFT-Z9280_13 Datasheet
418Kb / 2P
Surface Mount Wideband RF Transformers
1812WBT COILCRAFT-1812WBT_16 Datasheet
269Kb / 2P
Surface Mount Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com