Electronic Components Datasheet Search
  English  ▼

X  

CMZB82 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMZB82
Description  Communication, Control and Measurement Equipment Constant Voltage Regulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMZB82 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMZB82 Datasheet HTML 1Page - Toshiba Semiconductor CMZB82 Datasheet HTML 2Page - Toshiba Semiconductor CMZB82 Datasheet HTML 3Page - Toshiba Semiconductor CMZB82 Datasheet HTML 4Page - Toshiba Semiconductor CMZB82 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMZB68~CMZB390
2011-06-20
3
Handling Precaution
1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded,even
for a moment. Do not exceed any of these ratings. The following are the general derating methods that we
recommend when you design a circuit with a device.
P:
We recommend that the worst case power dissipation be no greater than 50% of the
absolute maximum rating of power dissipation. Carry out adequate heat design.
PRSM:
We recommend that a device be used within the recommended area in the figure,
PRSM-tw.
Tj:
Derate this rating when using a device in order to ensure high reliability.
We recommend that the device be used at Tj of below 120°C.
2) Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition.
When using a device, design a circuit board and a land pattern to match the appropriate thermal resistance
value.
3) Please refer to the Rectifiers databook for further information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com