Electronic Components Datasheet Search
  English  ▼

X  

APW7208 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7208
Description  1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7208 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7208 Datasheet HTML 1Page - Anpec Electronics Coropration APW7208 Datasheet HTML 2Page - Anpec Electronics Coropration APW7208 Datasheet HTML 3Page - Anpec Electronics Coropration APW7208 Datasheet HTML 4Page - Anpec Electronics Coropration APW7208 Datasheet HTML 5Page - Anpec Electronics Coropration APW7208 Datasheet HTML 6Page - Anpec Electronics Coropration APW7208 Datasheet HTML 7Page - Anpec Electronics Coropration APW7208 Datasheet HTML 8Page - Anpec Electronics Coropration APW7208 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2011
APW7208
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 7
V
FB, EN to GND Voltage
-0.3 ~ VIN
V
VLX
LX to GND Voltage
-0.3 ~ 34
V
VOVP
OVP to GND Voltage
-0.3 ~ 32
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction to Ambient Thermal Resistance
(Note 2)
SOT-23-6
T-SOT-23-6
250
220
°C/W
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.5 ~ 6
V
VOUT
Converter Output Voltage
Up to 24
V
CIN
Input Capacitor
2.2 or higher
µF
COUT
Output capacitor
0.47 or higher
µF
L1
Inductor
6.8 ~ 22
µH
TA
Ambient Temperature
-40 ~ 85
°C
TJ
Junction Temperature
-40 ~ 125
°C
Ordering and Marking Information
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of package is soldered directly on the PCB.
Note 3: Refer to the application circuit for further information.
APW7208 C/CT :
X - Date Code
Package Code
C : SOT-23-6 CT : TSOT-23-6
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
W08X
APW7208
Handling Code
Temperature Range
Package Code
Assembly Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com