Electronic Components Datasheet Search
  English  ▼

X  

APW7236 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7236
Description  1.5MHz Step-Up Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7236 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7236 Datasheet HTML 1Page - Anpec Electronics Coropration APW7236 Datasheet HTML 2Page - Anpec Electronics Coropration APW7236 Datasheet HTML 3Page - Anpec Electronics Coropration APW7236 Datasheet HTML 4Page - Anpec Electronics Coropration APW7236 Datasheet HTML 5Page - Anpec Electronics Coropration APW7236 Datasheet HTML 6Page - Anpec Electronics Coropration APW7236 Datasheet HTML 7Page - Anpec Electronics Coropration APW7236 Datasheet HTML 8Page - Anpec Electronics Coropration APW7236 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2012
APW7236
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 7
V
FB, EN to GND
-0.3 ~ VIN
V
VLX
LX to GND Voltage
-0.3 ~ 27.5
V
VOVP
OVP to GND
-0.3 ~ 27.5
V
PD
Power Dissipation
Internally Limit
W
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TSOT-23-6A
TDFN2x2-6
220
165
oC/W
θ
JC
Junction-to-Case Resistance
TSOT-23-6A
TDFN2x2-6
120
20
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Thermal Characteristics
APW7236
Handling Code
Temperature Range
Package Code
Assembly Material
APW7236CT:
Y - Over-Voltage Threshold Code
X - Date Code
Over-Voltage Threshold Code
A: 24V
B: 16V
Package Code
CT : 6 Lead TSOT-23
QB: TDFN2x2-8
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
36YX
Over-Voltage Threshold Code
APW7236QB:
Y - Over-Voltage Threshold Code
X - Date Code
36Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com