Electronic Components Datasheet Search
  English  ▼

X  

TC7S04FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7S04FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7S04FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7S04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7S04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7S04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7S04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7S04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7S04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7S04FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7S04F/FU
2009-09-30
3
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
⎯
⎯
1.5
⎯
4.5
3.15
⎯
⎯
3.15
⎯
High level
VIH
⎯
6.0
4.2
⎯
⎯
4.2
⎯
2.0
⎯
⎯
0.5
⎯
0.5
4.5
⎯
⎯
1.35
⎯
1.35
Input voltage
Low level
VIL
⎯
6.0
⎯
⎯
1.8
⎯
1.8
V
2.0
1.9
2.0
⎯
1.9
⎯
4.5
4.4
4.5
⎯
4.4
⎯
IOH = −20 μA
6.0
5.9
6.0
⎯
5.9
⎯
IOH = −2 mA
4.5
4.18
4.31
⎯
4.13
⎯
High level
VOH
VIN = VIL
IOH = −2.6 mA
6.0
5.68
5.80
⎯
5.63
⎯
2.0
⎯
0
0.1
⎯
0.1
4.5
⎯
0
0.1
⎯
0.1
IOL = 20 μA
6.0
⎯
0
0.1
⎯
0.1
IOL = 2 mA
4.5
⎯
0.17
0.26
⎯
0.33
Output
voltage
Low level
VOL
VIN = VIH
IOL = 2.6 mA
6.0
⎯
0.18
0.26
⎯
0.33
V
Input leakage current
IIN
VIN = VCC or GND
6.0
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
6.0
⎯
⎯
1.0
⎯
10.0
μA
Note: Output currents are 1/2 compared to TC74HC series models.
AC Electrical Characteristics (CL = 15 pF, input tr = tf = 6 ns, VCC = 5 V)
Ta
= 25°C
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
⎯
⎯
5
10
ns
Propagation delay time
tpLH
tpHL
⎯
⎯
7
15
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com