Electronic Components Datasheet Search
  English  ▼

X  

APW7300 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7300
Description  2A 24V 340kHz synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7300 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7300 Datasheet HTML 10Page - Anpec Electronics Coropration APW7300 Datasheet HTML 11Page - Anpec Electronics Coropration APW7300 Datasheet HTML 12Page - Anpec Electronics Coropration APW7300 Datasheet HTML 13Page - Anpec Electronics Coropration APW7300 Datasheet HTML 14Page - Anpec Electronics Coropration APW7300 Datasheet HTML 15Page - Anpec Electronics Coropration APW7300 Datasheet HTML 16Page - Anpec Electronics Coropration APW7300 Datasheet HTML 17Page - Anpec Electronics Coropration APW7300 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2013
APW7300
www.anpec.com.tw
14
Application Information(Cont.)
Output Capacitor Selection (Cont.)
The load transient requirements are the function of the
slew rate (di/dt) and the magnitude of the transient load
urrent. These requirements are generally met with a
mix of capacitors and careful layout. High frequency ca-
pacitors initially supply the transient and slow the current
load rate seen by the bulk capacitors. The bulk filter ca-
pacitor values are generally determined by the ESR
(Effective Series Resistance) and voltage rating require-
ments rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed
as close to the power pins of the load as physically
possible. Be careful not to add inductance in the circuit
board wiring that could cancel the usefulness of these
low inductance components. An aluminum electrolytic
capacitor’s ESR value is related to the case size with lower
ESR available in larger case sizes. However, the Equiva-
lent Series Inductance (ESL) of these capacitors increases
with case size and can reduce the usefulness of the ca-
pacitor to high slew-rate transient loading.
Table1 Capacitor Selection Guide
Vender
Model
Capacitance
(
µF)
TC
Voltage
Rating(V)
Si2e
muRata
GRM31CR61E106K
10
X5R
25
1206
muRata
GRM31CR61C226K
22
X5R
16
1206
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the
use of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses. The
equation (2) shows that the inductance value has a direct
effect on ripple current.
Accepting larger values of ripple current allows the use of
low inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆I< 0.4 x I
OUT(max). Please be no-
ticed that the maximum ripple current occurs at the maxi-
mum input voltage. The minimum inductance of the in-
uctor is calculated by using the following equation:
Inductor Value Calculation
where
........... (6)
IN(MAX)
IN
V
V
=
1.2
V
·
L
·
340000
)
V
-
(V
·
V
IN
OUT
IN
OUT
≤
(H)
V
·
408000
)
V
-
(V
·
V
L
IN
OUT
IN
OUT
≥
Table2 Inductor Selection Guide
Vender
Part number
Inductance
(
µH)
DCR
(m
Ω)
Current
Rating(A)
CYNTEC
PCMB063T-100MS
10
62
4
Chilisin
MHCC10040-100M
10
30
6.5
Gausstek
PL94P051M-10U
10
38
3.8
)
V
(
ESR
I
VOUT
⋅
×
∆
=
∆
OUT
OSC
COUT
C
F
8
I
V
×
×
∆
=
∆
The peak- to-peak voltage of the ideal output capacitor is
calculated as the following equations:
For the applications using bulk capacitors, the
∆V
COUT is
much smaller than the V
ESR and can be ignored. Therefore,
the AC peak-to-peak output voltage(
∆V
OUT) is shown below:
For the applications using bulk capacitors, the V
ESR is
much smaller than the
∆V
COUT an d c an b e i g no r e d .
Therefore, the AC peak-to-peak output voltage(
∆V
OUT) is to
∆V
COUT.
........... (4)
........... (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com