Electronic Components Datasheet Search
  English  ▼

X  

APW7301 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7301
Description  3A 24V 340kHz synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7301 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7301 Datasheet HTML 9Page - Anpec Electronics Coropration APW7301 Datasheet HTML 10Page - Anpec Electronics Coropration APW7301 Datasheet HTML 11Page - Anpec Electronics Coropration APW7301 Datasheet HTML 12Page - Anpec Electronics Coropration APW7301 Datasheet HTML 13Page - Anpec Electronics Coropration APW7301 Datasheet HTML 14Page - Anpec Electronics Coropration APW7301 Datasheet HTML 15Page - Anpec Electronics Coropration APW7301 Datasheet HTML 16Page - Anpec Electronics Coropration APW7301 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2013
APW7301
www.anpec.com.tw
13
Application Information
Setting Output Voltage
Input Capacitor Selection
where D is the duty cycle of the power MOSFET.
For a through hole design, several electrolytic capacitors
may be needed. For surface mount designs, solid tanta-
lum capacitors can be used, but caution must be exer-
cised with regard to the capacitor surge current rating.
)
A
(
)
D
1
(
D
I
I
OUT
RMS
⋅
−
×
=
The regulated output voltage is determined by:
Use small ceramic capacitors for high frequency
decoupling and bulk capacitors to supply the surge cur-
rent needed each time the N-channel power MOSFET
(Q1) turns on. Place the small ceramic capacitors physi-
cally close to the VIN and between the VIN and GND.
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and
current ratings above the maximum input voltage and
largest RMS current required by the circuit. The capacitor
voltage rating should be at least 1.25 times greater than
the maximum input voltage and a voltage rating of 1.5
times is a conservative guideline. The RMS current (IRMS)
of the bulk input capacitor is calculated as the following
equation:
An output capacitor is required to filter the output and sup-
ply the load transient current. The filtering requirements
are the function of the switching frequency and the ripple
current (DI). The output ripple is the sum of the voltages,
having phase shift, across the ESR and the ideal output
capacitor. The peak-to-peak voltage of the ESR is calcu-
ated as the following equations:
)
V
(
)
R
R
1
(
925
.
0
VOUT
2
1 ⋅
+
×
=
To prevent stray pickup, please locate resistors R1 and
R2 close to APW7301.
ESR
I
V
L
F
)
D
1
(
V
I
V
V
D
ESR
OSC
OUT
IN
OUT
×
∆
=
−
=
∆
=
×
×
Output Capacitor Selection
Figure 1. Converter Waveforms
I
OUT
V
LX
T=1/F
OSC
I
L
I
Q1
I
COUT
I
OUT
I
I
DT
V
OUT
V
OUT
V
IN
V
OUT
C
IN
C
OUT
L
Q1
LX
ESR
I
L
I
OUT
I
Q1
I
COUT
VIN
Q2
In critical condition, like input voltage plug in, it will cause
the high spike voltage. It is recommended to place large
capacitance and higher voltage rating to reduce the spike
voltage. In general, to parallel a electrolytic capacitor with
large capacitance can reduce the spike voltage in critical
condition. This electrolytic capacitor must also be short
pin wire to make it as close as to the power plane or trace.
........... (1)
........... (2)
........... (3)
CIN1
CIN2
10uF/
MLCC
VIN
APW7301
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com