Electronic Components Datasheet Search
  English  ▼

X  

APW7303 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7303
Description  3A 24V 340kHz synchronous Buck Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7303 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7303 Datasheet HTML 1Page - Anpec Electronics Coropration APW7303 Datasheet HTML 2Page - Anpec Electronics Coropration APW7303 Datasheet HTML 3Page - Anpec Electronics Coropration APW7303 Datasheet HTML 4Page - Anpec Electronics Coropration APW7303 Datasheet HTML 5Page - Anpec Electronics Coropration APW7303 Datasheet HTML 6Page - Anpec Electronics Coropration APW7303 Datasheet HTML 7Page - Anpec Electronics Coropration APW7303 Datasheet HTML 8Page - Anpec Electronics Coropration APW7303 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Nov., 2012
APW7303
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 30
V
VLX
LX to GND Voltage
-1 ~VIN+0.3
V
EN, FB, COMP, SS to GND Voltage
-0.3 ~ 6
V
VBS
BS to GND Voltage
VLX-0.3 ~ VLX+6
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-8P
75
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-8P
15
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
is soldered directly on the PCB.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the SOP-8P package.
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
4.5 ~ 24
V
VOUT
Converter Output Voltage
0.92~20
V
IOUT
Converter Output Current
0~3
A
Recommended Operating Conditions (Note 4)
APW7303
Handling Code
Temperature Range
Package Code
APW7303
XXXXX
Package Code
KA : SOP-8P
Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7303 KA :
Assembly Material
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com