Electronic Components Datasheet Search
  English  ▼

X  

APW7312 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7312
Description  2A 24V 340kHz synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7312 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7312 Datasheet HTML 2Page - Anpec Electronics Coropration APW7312 Datasheet HTML 3Page - Anpec Electronics Coropration APW7312 Datasheet HTML 4Page - Anpec Electronics Coropration APW7312 Datasheet HTML 5Page - Anpec Electronics Coropration APW7312 Datasheet HTML 6Page - Anpec Electronics Coropration APW7312 Datasheet HTML 7Page - Anpec Electronics Coropration APW7312 Datasheet HTML 8Page - Anpec Electronics Coropration APW7312 Datasheet HTML 9Page - Anpec Electronics Coropration APW7312 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2013
APW7312
www.anpec.com.tw
6
Typical Operating Characteristics
Switching Frequency vs.
Junction Temperature
oC
-50
0
50
100
150
)
Junction Temperature (
VIN = 12V
360
365
370
375
380
Switching Frequency vs. VIN
Supply Voltage
VIN Supply Voltage (V)
5
10
15
20
25
350
352
354
356
358
360
TA = 25
oC
Reference Voltage vs. Junction
Temperature
oC
-50
0
50
100
150
)
Junction Temperature (
VIN = 12V
0.922
0.924
0.926
0.928
0.930
0.932
0.934
0.936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com