Electronic Components Datasheet Search
  English  ▼

X  

APW7337 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7337
Description  3A 24V 340kHz synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7337 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7337 Datasheet HTML 1Page - Anpec Electronics Coropration APW7337 Datasheet HTML 2Page - Anpec Electronics Coropration APW7337 Datasheet HTML 3Page - Anpec Electronics Coropration APW7337 Datasheet HTML 4Page - Anpec Electronics Coropration APW7337 Datasheet HTML 5Page - Anpec Electronics Coropration APW7337 Datasheet HTML 6Page - Anpec Electronics Coropration APW7337 Datasheet HTML 7Page - Anpec Electronics Coropration APW7337 Datasheet HTML 8Page - Anpec Electronics Coropration APW7337 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jul., 2013
APW7337
www.anpec.com.tw
3
Note 4 : Refer to the typical application circuit.
Electrical Characteristics
APW7337
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVIN
VIN Supply Current
VFB=1V, VEN=3V, LX=NC
-
1.9
-
mA
IVIN_SD
VIN Shutdown Supply Current
VEN=0V
-
0.3
-
µA
POWER-ON-RESET (POR)
VIN POR Voltage Threshold
VIN Rising
3.8
4.05
4.4
V
VIN POR Hysteresis
-
0.3
-
V
REFERENCE VOLTAGE
VREF
Reference Voltage
Regulated on FB pin
0.784
0.8
0.816
V
OSCILLATOR AND DUTY CYCLE
FOSC
Oscillator Frequency
300
340
380
kHz
Foldback Frequency
VFB=0V
-
110
-
kHz
Maximum Converter’s Duty
VFB=0.8V
-
90
-
%
Minimum On Time
(Note 5)
-
220
-
ns
PFM MODE OPERATION
IPK_PFM
PFM Mode Current Limit
-
0.8
-
A
IPK_TH
PWM to PFM Inductor Peak Threshold
-
0.6
-
A
POWER MOSFET
High/low Side MOSFET On Resistance
-
110
-
m
Ω
High/Low Side MOSFET Leakage
Current
VEN=0V, VLX=0V
-
-
10
µA
CURRENT-MODE PWM CONVERTER
GEA
Error Amplifier Transconductance
-
820
-
µA/V
Error Amplifier Voltage Gain
-
80
-
V/V
Switch Current to COMP Voltage
Transresistance
-
5.2
-
A/V
Refer to the typical application circuits. These specifications apply over V
IN=12V, VOUT=3.3V, VEN=3V and TA=25°C.
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
4.5 ~ 24
V
VOUT
Converter Output Voltage
0.8 ~20
V
IOUT
Converter Output Current
0~3
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com