Electronic Components Datasheet Search
  English  ▼

X  

TLP131 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP131
Description  Office Machine Programmable Controllers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP131 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP131 Datasheet HTML 1Page - Toshiba Semiconductor TLP131 Datasheet HTML 2Page - Toshiba Semiconductor TLP131 Datasheet HTML 3Page - Toshiba Semiconductor TLP131 Datasheet HTML 4Page - Toshiba Semiconductor TLP131 Datasheet HTML 5Page - Toshiba Semiconductor TLP131 Datasheet HTML 6Page - Toshiba Semiconductor TLP131 Datasheet HTML 7Page - Toshiba Semiconductor TLP131 Datasheet HTML 8Page - Toshiba Semiconductor TLP131 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP131
2007-10-01
5
IF – Ta
Ambient temperature Ta (°C)
0
100
−20
80
60
40
20
0
20
40
60
80
120
100
PC – Ta
Ambient temperature Ta (°C)
200
0
−20
160
120
80
40
0
20
40
60
80
120
100
ΔVF / ΔTa – IF
Forward current IF (mA)
−3.2
−0.4
0.1
−0.8
−2.8
−2.0
−1.6
−1.2
0.3
−2.4
1
5
50
0.5
3
10
30
IF – VF
Forward voltage VF (V)
100
0.1
0.6
50
5
1
0.5
0.8
1.0
1.2
1.4
1.6
1.8
30
10
3
0.3
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
1.0
1.4
1.8
2.2
2.6
3.0
1
500
300
100
50
30
10
5
3
Pulse width ≦ 10
μs
Repetitive
Frequency = 100Hz
Ta = 25°C
IFP – DR
Duty cycle ratio DR
3000
10
3
30
1000
300
10−
3
500
10−
2
10−
1
10
0
3
3
3
100
50
Pulse width ≦ 100
μs
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com