Electronic Components Datasheet Search
  English  ▼

X  

TLP180 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP180
Description  Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP180 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP180 Datasheet HTML 1Page - Toshiba Semiconductor TLP180 Datasheet HTML 2Page - Toshiba Semiconductor TLP180 Datasheet HTML 3Page - Toshiba Semiconductor TLP180 Datasheet HTML 4Page - Toshiba Semiconductor TLP180 Datasheet HTML 5Page - Toshiba Semiconductor TLP180 Datasheet HTML 6Page - Toshiba Semiconductor TLP180 Datasheet HTML 7Page - Toshiba Semiconductor TLP180 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP180
2009-01-19
7
VCE(sat) – Ta
Ambient temperature Ta (°C)
0.24
0
−40
0.20
0.12
0.08
0.04
−20
0
40
80
100
20
60
0.16
IF = 5 mA, IC = 1 mA
IF = 1 mA, IC = 0.2mA
IF = 1 mA
IC = 0.2 mA
IC – Ta
100
1
−20
100
0
20
40
80
30
5
60
0.1
0.3
0.5
3
10
50
VCE = 5 V
1mA
0.5mA
5mA
10mA
IF = 25mA
Ambient temperature Ta (°C)
Switching Time – RL
Load resistance RL (kΩ)
1
10
30
50
100
300
500
1000
3
5
30
50
5
3
1
Ta = 25°C
IF = 16 mA
VCC = 5 V
tOFF
ts
tON
100
10
Switching Time – Ta
0
160
−20
20
40
60
80
Ambient temperature Ta (°C)
30
10
1
0.5
0.1
100
0.3
3
5
50
tOFF
ts
tON
IF = 16 mA
VCC = 5 V
RL = 1.9 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com