Electronic Components Datasheet Search
  English  ▼

X  

TLP181F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP181F
Description  Office Machine Programmable Controllers AC Adapter I/O Interface Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP181F Datasheet HTML 1Page - Toshiba Semiconductor TLP181F Datasheet HTML 2Page - Toshiba Semiconductor TLP181F Datasheet HTML 3Page - Toshiba Semiconductor TLP181F Datasheet HTML 4Page - Toshiba Semiconductor TLP181F Datasheet HTML 5Page - Toshiba Semiconductor TLP181F Datasheet HTML 6Page - Toshiba Semiconductor TLP181F Datasheet HTML 7Page - Toshiba Semiconductor TLP181F Datasheet HTML 8Page - Toshiba Semiconductor TLP181F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP181
2009-11-12
2
Current Transfer Ratio
Current Transfer Ratio (%)
(IC / IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Type
Classification
*1
Min
Max
Marking Of Classification
Blank
50
600
Blank ,Y,Y■,YE,G,G■,GR,B, B■,BL,GB
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank BL
200
600
BL
Rank GB
100
600
GB
Rank YH
75
150
Y■
Rank GRL
100
200
G
Rank GRH
150
300
G■
TLP181
Rank BLL
200
400
B
*1: EX, Rank GB: TLP181 (GB)
(Note) Application, type name for certification test, please use standard product type name, i, e.
TLP181 (GB): TLP181



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com