Electronic Components Datasheet Search
  English  ▼

X  

TLP185 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP185
Description  Office Machine Programmable Controllers AC Adapter I/O Interface Board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP185 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP185 Datasheet HTML 1Page - Toshiba Semiconductor TLP185 Datasheet HTML 2Page - Toshiba Semiconductor TLP185 Datasheet HTML 3Page - Toshiba Semiconductor TLP185 Datasheet HTML 4Page - Toshiba Semiconductor TLP185 Datasheet HTML 5Page - Toshiba Semiconductor TLP185 Datasheet HTML 6Page - Toshiba Semiconductor TLP185 Datasheet HTML 7Page - Toshiba Semiconductor TLP185 Datasheet HTML 8Page - Toshiba Semiconductor TLP185 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP185
2012-02-14
1
TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
TLP185
Office Machine
Programmable Controllers
AC Adapter
I/O Interface Board
The TOSHIBA mini flat coupler TLP185 is a small outline coupler, suitable
for surface mount assembly.
TLP185 consist of a photo transistor optically coupled to a gallium arsenide
infrared emitting diode. Since TLP185 is smaller than DIP package, it’s
suitable for high-density surface mounting applications such as
programmable controllers
• Collector−emitter voltage: 80V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 3750Vrms (min)
• Operation Temperature:-55 to 110 ˚C
• Safety Standards
UL approved: UL1577, File No. E67349
cUL approved: CSA Component Acceptance Service No. 5A
File No.E67349
• BSI approved:
BS EN60065:2002, Certificate No. 9020
BS EN60950-1:2006, Certificate No. 9021
• Option (V4) type
VDE approved: EN60747-5-2, Certificate No. 40009347
(Note): When a EN60747-5-2 approved type is needed,
Please designate “Option(V4)”
•
Construction mechanical rating
Creepage distance
: 5.0 mm(min)
Clearance
: 5.0 mm(min)
Insulation thickness
: 0.4 mm(min)
6
1: Anode
3: Cathode
4: Emitter
6: Collector
4
1
3
Unit: mm
TOSHIBA
11-4M1S
Weight: 0.08 g (Typ.)
Pin Configuration(top view)


Similar Part No. - TLP185

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
TLP185 UMW-TLP185 Datasheet
1Mb / 8P
Collector-emitter voltage: 80 V (min)
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
Collector-emitter voltage: 80 V (min)
More results

Similar Description - TLP185

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
Office Machine Programmable Controllers
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
Office Machine Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com