Electronic Components Datasheet Search
  English  ▼

X  

APW8720B Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8720B
Description  Single Buck Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8720B Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8720B Datasheet HTML 1Page - Anpec Electronics Coropration APW8720B Datasheet HTML 2Page - Anpec Electronics Coropration APW8720B Datasheet HTML 3Page - Anpec Electronics Coropration APW8720B Datasheet HTML 4Page - Anpec Electronics Coropration APW8720B Datasheet HTML 5Page - Anpec Electronics Coropration APW8720B Datasheet HTML 6Page - Anpec Electronics Coropration APW8720B Datasheet HTML 7Page - Anpec Electronics Coropration APW8720B Datasheet HTML 8Page - Anpec Electronics Coropration APW8720B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Mar., 2012
APW8720B
www.anpec.com.tw
2
Ordering and Marking Information
Pin Configuration
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
UGATE 2
7 COMP
GND 3
LGATE/OCSET 4
6 FB
5 VCC
8 PHASE
BOOT 1
SOP-8P
(Top View)
9
GND
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VVCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 16
V
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 16
V
VBOOT
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 30
V
> 20ns
-0.3 ~ VBOOT+0.3
V
VUGATE
UGATE Voltage (UGATE to PHASE)
< 20ns
-5 ~ VBOOT+5
V
> 20ns
-0.3 ~ VVCC+0.3
V
VLGATE
LGATE Voltage (LGATE to GND)
< 20ns
-5 ~ VVCC+5
V
> 20ns
-0.3 ~ 16
V
VPHASE
PHASE Voltage (PHASE to GND)
< 20ns
-5 ~ 21
V
FB and COMP to GND
-0.3 ~ 7
V
POK to GND
-0.3~VCC+0.3
V
TJ
Maximum Junction Temperature
150
°C
APW8720B
Handling Code
Temperature Range
Package Code
APW8720B
XXXXX
Package Code
KA : SOP-8P
QB : TDFN3x3-10
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW
8720B
XXXXX
APW8720B
KA :
APW8720B
QB :
XXXXX - Date Code
Assembly Material
XXXXX - Date Code
5
6 VCC
7 FB
8 COMP
9 POK
10
PHASE
BOOT 1
UGATE 2
NC
3
GND 4
LGATE/OCSET
TDFN3x3-10
(Top View)
11
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com