Electronic Components Datasheet Search
  English  ▼

X  

CH02016 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CH02016
Description  High Frequency 50 GHz Thin Film Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CH02016 Datasheet(HTML) 1 Page - Vishay Siliconix

  CH02016 Datasheet HTML 1Page - Vishay Siliconix CH02016 Datasheet HTML 2Page - Vishay Siliconix CH02016 Datasheet HTML 3Page - Vishay Siliconix CH02016 Datasheet HTML 4Page - Vishay Siliconix CH02016 Datasheet HTML 5Page - Vishay Siliconix CH02016 Datasheet HTML 6Page - Vishay Siliconix CH02016 Datasheet HTML 7Page - Vishay Siliconix CH02016 Datasheet HTML 8Page - Vishay Siliconix CH02016 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CH
www.vishay.com
Vishay Sfernice
Revision: 28-Aug-13
1
Document Number: 53014
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Frequency 50 GHz Thin Film Chip Resistor
Those miniaturized components are designed in such a way
that their internal reactance is very small. When correctly
mounted and utilized, they function as almost pure resistors
on a very large range of frequency, up to 50 GHz.
FEATURES
• Operating frequency 50 GHz
• Thin film microwave resistors
• SMD wraparound or flip chip resistor
• Small size, down to 20 mils by 16 mils
• Edged trimmed block resistors
• Pure alumina substrate (99.5 %)
• Ohmic range: 10R to 500R
• Design kits available
• Small internal reactance (LC down to 1 × 10-24)
• Tolerance 1 %, 2 %, 5 %, 10 %
• TCR: 100 ppm/°C in (- 55 °C, + 155 °C) temperature range
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) For CH0402 and CH0603 with P termination, A dimension is increased by 0.2 mm
(2) + or - 0.07 mm
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
Pn
W
LIMITING
ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CH02016
02016
10 to 500
0.030
30
1, 2, 5, 10
100
CH0402
0402
10 to 500
0.050
37
1, 2, 5, 10
100
CH0603
0603
10 to 500
0.125
50
1, 2, 5, 10
100
DIMENSIONS in millimeters (inches)
CASE SIZE
MAX. TOL.
+ 0.1 (+ 0.004)
MIN. TOL.
- 0.1 (- 0.004)
DIMENSIONS
A (1)
BC
D/E
MAX. TOL.
+ 0.1 (+ 0.004)
MIN. TOL.
- 0.1 (- 0.004)
MAX. TOL.
+ 0.1 (+ 0.004)
MIN. TOL.
- 0.1 (- 0.004)
MAX. TOL.
+ 0.127 (+ 0.005)
MIN. TOL.
- 0.127 (- 0.005)
MIN.
MAX.
02016
0.48 (0.020)
0.39 (0.016)
0.42 (0.02) (2)
0.11 (0.004)
0.15 (0.008)
0402
1.00 (0.040)
0.6 (0.023)
0.5 (0.02)
0.15 (0.006)
0.35 (0.014)
0603
1.52 (0.060)
0.75 (0.030)
0.5 (0.02)
0.25 (0.010)
0.51 (0.020)
A
(1)
D
D
C
(P)
(N) and (G)
A
D
D
C
E
E
B
A
D
D
C
(F)


Similar Part No. - CH02016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CH02016 VISHAY-CH02016 Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
CH02016F VISHAY-CH02016F Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
CH02016P VISHAY-CH02016P Datasheet
175Kb / 12P
AEC-Q200 Qualified High Frequency 70 GHz Thin Film Chip Resistor
27-Apr-2022
More results

Similar Description - CH02016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1220 ETC-RN1220 Datasheet
45Kb / 1P
Thin Film Chip Resistor Networks
RG1005 ETC2-RG1005_1 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
logo
Vishay Siliconix
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
26-Jun-12
TNPW12061K32DETA VISHAY-TNPW12061K32DETA Datasheet
111Kb / 8P
High Stability Thin Film Chip Resistor
06-Jul-06
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
FC VISHAY-FC Datasheet
99Kb / 5P
High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
07-Aug-14
logo
WALSIN TECHNOLOGY CORPO...
WLTF0603 WALSIN-WLTF0603 Datasheet
683Kb / 6P
Thin-Film Chip High Frequency Inductor
logo
Vishay Siliconix
FCHP VISHAY-FCHP Datasheet
127Kb / 5P
High Frequency 60 GHz High Power 1 W Thin Film Surface Mount Chip Resistor
06-Sep-2021
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com