Electronic Components Datasheet Search
  English  ▼

X  

APW8722B Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8722B
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722B Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8722B Datasheet HTML 1Page - Anpec Electronics Coropration APW8722B Datasheet HTML 2Page - Anpec Electronics Coropration APW8722B Datasheet HTML 3Page - Anpec Electronics Coropration APW8722B Datasheet HTML 4Page - Anpec Electronics Coropration APW8722B Datasheet HTML 5Page - Anpec Electronics Coropration APW8722B Datasheet HTML 6Page - Anpec Electronics Coropration APW8722B Datasheet HTML 7Page - Anpec Electronics Coropration APW8722B Datasheet HTML 8Page - Anpec Electronics Coropration APW8722B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
2
APW8722/A/B/C/D
Simplified Application Circuit
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
PHASE
FB
GND
VCC
LGATE
COMP
APW8722
VIN
VOUT
UGATE
BOOT
5
7
6
3
4
8
2
1
ON
OFF
VVCC
SOP-8P
(top view)
BOOT 1
GND 3
UGATE 2
6 FB
7 COMP
8 PHASE
5 VCC
9 GND
LGATE/OCSET 4
APW8722/B/C/D
SOP-8P
(top view)
BOOT 1
OCSET 3
UGATE 2
6 FB
7 COMP
8 PHASE
5 VCC
9 GND
LGATE 4
APW8722A
APW8722/A/B/C/D
Handling Code
Temperature Range
Package Code
Package Code
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW8722X
XXXXX
APW8722/A/B/C/D
KA :
Assembly Material
XXXXX - Date Code
X – A/B/C/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com