Electronic Components Datasheet Search
  English  ▼

X  

TLP621 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP621
Description  Programmable Controller AC / DC−Input Module Solid State Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP621 Datasheet HTML 1Page - Toshiba Semiconductor TLP621 Datasheet HTML 2Page - Toshiba Semiconductor TLP621 Datasheet HTML 3Page - Toshiba Semiconductor TLP621 Datasheet HTML 4Page - Toshiba Semiconductor TLP621 Datasheet HTML 5Page - Toshiba Semiconductor TLP621 Datasheet HTML 6Page - Toshiba Semiconductor TLP621 Datasheet HTML 7Page - Toshiba Semiconductor TLP621 Datasheet HTML 8Page - Toshiba Semiconductor TLP621 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
3
• Option (D4) type
VDE approved: DIN EN 60747-5-2, certificate no. 40009302
Maximum operating insulation voltage: 890 VPK
Highest permissible over voltage: 8000 VPK
(Note)
When a EN 60747-5-2 approved type is needed, please designate the “Option (D4)”
7.62 mm pich
10.16 mm pich
standard type
(LF2) type
• Creepage distance
: 6.4 mm (min.)
8.0 mm (min)
Clearance
: 6.4 mm (min.)
8.0 mm (min)
Insulation thickness
: 0.4 mm (min.)
0.4 mm (min)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com