Electronic Components Datasheet Search
  English  ▼

X  

TLP624 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP624
Description  Programmable Controllers AC/DC?묲nput Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP624 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP624 Datasheet HTML 1Page - Toshiba Semiconductor TLP624 Datasheet HTML 2Page - Toshiba Semiconductor TLP624 Datasheet HTML 3Page - Toshiba Semiconductor TLP624 Datasheet HTML 4Page - Toshiba Semiconductor TLP624 Datasheet HTML 5Page - Toshiba Semiconductor TLP624 Datasheet HTML 6Page - Toshiba Semiconductor TLP624 Datasheet HTML 7Page - Toshiba Semiconductor TLP624 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP624,TLP624
−2,TLP624−4
2007-10-01
7
Ambient temperature Ta (°C)
ID – Ta
10-
5
0
10
1
10
0
10-
1
10-
2
10-
3
20
40
60
80
100
120
10-
4
5 V
VCE = 24 V
10 V
Load resistance RL (kΩ)
Switching Time – RL
3
3000
1000
500
300
100
50
30
10
5
1
3
5
10
30
50
100
Ta = 25 °C
IF = 1.6 mA
VCC = 5 V
tOFF
ts
tON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com