Electronic Components Datasheet Search
  English  ▼

X  

TLP700A Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TLP700A
Description  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700A Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TLP700A Datasheet HTML 7Page - Toshiba Semiconductor TLP700A Datasheet HTML 8Page - Toshiba Semiconductor TLP700A Datasheet HTML 9Page - Toshiba Semiconductor TLP700A Datasheet HTML 10Page - Toshiba Semiconductor TLP700A Datasheet HTML 11Page - Toshiba Semiconductor TLP700A Datasheet HTML 12Page - Toshiba Semiconductor TLP700A Datasheet HTML 13Page - Toshiba Semiconductor TLP700A Datasheet HTML 14Page - Toshiba Semiconductor TLP700A Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLP700
2010-02-23
11
Specifications for Embossed-Tape Packing
(TP) for SDIP6 Type Photocoupler
1. Applicable Package
Package Name
Product Type
SDIP6
Photocouplers
2. Product Naming System
Type of package used for shipment is denoted by a symbol suffix after a product number. The method of
classification is as below.
(Example)
TLP700 (TP, F)
[[G]]/RoHS COMPATIBLE (Note11)
Tape type
Device name
3. Tape Dimensions
3.1
Orientation of Devices in Relation to Direction of Tape Movement
Device orientation in the recesses is as shown in Figure 1.
Figure 1 Device Orientation
3.2
Tape Packing Quantity:
1500 devices per reel
3.3
Empty Device Recesses Are as Shown in Table 1.
Table 1 Empty Device Recesses
Standard
Remarks
Occurrences of 2 or more
successive empty device
recesses
0
Within any given 40-mm section of
tape, not including leader and trailer
Single empty device
recesses
6 devices (max) per reel
Not including leader and trailer
3.4
Start and End of Tape:
The start of the tape has 30 or more empty holes. The end of the tape has 30 or more empty holes
and two empty turns only for a cover tape.
Tape feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com